Electronic Components Datasheet Search
  English  ▼

X  

SA6392 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SA6392
Description  4CHANNEL BTL DRIVER FOR CD PLAYERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA6392 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SA6392 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA6392 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA6392 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA6392 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA6392 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA6392 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA6392 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA6392 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA6392 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SA6392
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.2
2004.02.12
Http: www.silan.com.cn
Page 3 of 9
(Continued)
Not designed for radiation resistance.
* If VO=VO1 when VIN=VREF
±0.5V, VO=VO2 when VIN=VREF±1.0V, and VO=V3 when VIN=VREF±1.5V, then
LIN=(VO3-VO2)/(VO2
• VO1) x100%
PIN CONFIGURATION
PIN DESCRIPTION
(To be continued)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Spindle Driver
Input Bias Current
IB
--
10
300
nA
Synchronous Input Voltage
VICM
1.6
--
6.4
V
Output Voltage High
VOHD
5.2
5.6
--
V
Output Voltage Low
VOLD
--
1.3
1.55
V
Voltage Gain
GVC
8.0
10.5
13.0
dB
Slew Rate
SR
--
2
--
V/
µs
Ripple Rejection
RRS
VIN=100Vrms, 100Hz
--
70
--
dB
Pin no
Symbol
Description
1
OUT1F
Driver channel 1 forward output
2
OUT1R
Driver channel 1 reverse output
3
IN1RC
Connect to attached resistor/capacitor (1)
4
IN1R
Driver channel 1 reverse input
5
IN1F
Driver channel 1 forward input
6
VREF IN
Internal reference amplifier input
7
VREF OUT
Internal reference amplifier output
8
GND
Ground for internal reference and internal power circuit
9
IN2F
Driver channel 2 forward input



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com