Electronic Components Datasheet Search
  English  ▼

X  

SA7496LS Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SA7496LS
Description  2CH AUDIO POWER AMPLIFIER(2W X 2)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA7496LS Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SA7496LS Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA7496LS Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA7496LS Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA7496LS Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA7496LS Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA7496LS Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA7496LS Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA7496LS Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA7496LS Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SA7496L
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2006.12.31
Http: www.silan.com.cn
Page 4 of 10
(Continued)
Pin No.
Pin name
Description
4
INL
Left input
5
VAROUT_L
Left output_1
6
VOLUME
Volume control
7
VAROUT_R
Left output_2
8
NC
Not connect
9
INR
Right input
10
SVR
Supply voltage rejection
11
STBY
Stand by pin
12
MUTE
MUTE pin
13
GND
Ground
14
OUTR
Right output
15
VCC
Supply voltage
16
VCC
Supply voltage
17
OUTL
Left output
18
GND
Ground
19
GND
Ground
20
GND
Ground
FUNCTION DESCRIPTION
The SA7496L is a semiconductor integrated circuit consisting of two channel power amplifiers, which is a
stereo class AB power amplifier, specially designed for high quality sound, TV applications, which include linear
volume control, stand-by and mute functions.
There are the MUTE and STAND-BY turn on and off conversion circuit in order to eliminate the plops noise.
When the both voltages are low and the operation will be normal. While the STAND-BY is high, the circuit will
turn off the bias current, so it will be the stand-by state. Also when the STAND-BY is low and the MUTE is high,
the circuit will be the mute state, in this operation, the bias current of the signal channels will be shutdown.
The SA7469L built-in a DC volume control circuit. While the voltage of pin6 is 0, the output voltage will be 0;
and the gain will be increased as the pin6’
s voltages go up.
In this circuit, as the operation temperature’
s increase, the transistor’
s threshold limit value will decrease, when
the temperature up to 150
°C, the thermal protection circuit will turn on and the signal channel will be shutdown.
MUTE & STAND-BY TRUTH TABLE
MUTE
ST-BY
Operating State
H
H
STANDBY
L
H
STANDBY
H
L
MUTE
L
L
PLAY
Note: “H”denotes the voltage is larger than 3.5V, and “L”denotes the voltage is lower than 1.5V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com