Electronic Components Datasheet Search
  English  ▼

X  

SA7496LS Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SA7496LS
Description  2CH AUDIO POWER AMPLIFIER(2W X 2)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA7496LS Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SA7496LS Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA7496LS Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA7496LS Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA7496LS Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA7496LS Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA7496LS Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA7496LS Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA7496LS Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA7496LS Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SA7496L
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2006.12.31
Http: www.silan.com.cn
Page 5 of 10
STAND-BY AND MUTE FUNCTIONS DIAGRAM
VS(V)
STBY(V)
5
2.5V
5
VSVR(V)
MUTE(V)
INPUT(mV)
VOUT(V)
IQ(mA)
OFF STBY MUTE
PLAY
MUTE STBY OFF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com