Electronic Components Datasheet Search
  English  ▼

X  

SP7656 Datasheet(PDF) 4 Page - Exar Corporation

Part # SP7656
Description  3A, 29V Non-Synchronous Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7656 Datasheet(HTML) 4 Page - Exar Corporation

  SP7656 Datasheet HTML 1Page - Exar Corporation SP7656 Datasheet HTML 2Page - Exar Corporation SP7656 Datasheet HTML 3Page - Exar Corporation SP7656 Datasheet HTML 4Page - Exar Corporation SP7656 Datasheet HTML 5Page - Exar Corporation SP7656 Datasheet HTML 6Page - Exar Corporation SP7656 Datasheet HTML 7Page - Exar Corporation SP7656 Datasheet HTML 8Page - Exar Corporation SP7656 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
11/07/08 SP7656 PowerBlox
Copyright 2008 EXAR Corporation
4
SP7656 General Overview:
The SP7656 PowerBlox is a fixed frequency,
voltage
mode,
non-synchronous
PWM
controller co-packaged with a P-Channel FET.
SP7656 is optimized for minimum component,
small form factor and cost effectiveness. It has
been designed for single-supply operation
ranging from 4.5V to 29V. SP7656 has Type-2
internal
compensation
for
use
with
Electrolytic/Tantalum output capacitors. For
ceramic capacitors Type-3 compensation can
be implemented by simply adding an R and C
between output and Feedback.
A precision 0.6V reference, present on the
positive terminal of the internal error amplifier,
permits programming of the output voltage
down to 0.6V via the FB pin. The output of the
Error Amplifier is internally compared to a
feed-forward (VIN/5 peak-to-peak) ramp and
generates the PWM control.
Timing is governed by an internal oscillator
that sets the PWM frequency at 600kHz.
SP7656 contains useful protection features.
Over-current protection is based on the
internal
MOSFET
Rds(on)
and
is
programmable via a resistor placed between
ISET and LX node. Under-Voltage Lock-Out
(UVLO) ensures that the controller starts
functioning only when sufficient voltage exists
for powering IC’s internal circuitry.
SP7656 Loop Compensation
The
SP7656
includes
Type-2
internal
compensation
components
for
loop
compensation.
External
compensation
components are not required for systems with
tantalum or aluminum electrolytic output
capacitors with sufficiently high ESR. Use the
condition below as a guideline to determine
whether or not the internal compensation is
sufficient for your design. Type-2 internal
compensation is sufficient if the following
condition is met:
DBPOLE
ESRZERO
f
f
where:
OUT
ESR
ESRZERO
C
R
f
2
1
OUT
DBPOLE
C
L
f
2
1
Creating a Type-3 compensation Network
The above condition requires the ESR zero to
be at a lower frequency than the double-pole
from the LC filter. If this condition is not met,
Type-3 compensation should be used and can
be accomplished by placing a series RC
combination in parallel with R1 as shown
below. The value of CZ can be calculated as
follows and RZ selected from table 1.
1
R
C
L
CZ 
Table1- RZ Selection
R1
200k, 1%
R2
SP7656
FB
RZ2
200k
CZ2
130pF
CP1
2pF
Error Amplif ier
Vref =0.6V
Vout
RZ
CZ
Figure 1- RZ and CZ in conjunction with internal
compensation components form a Type-3
compensation
fESRZERO/fDBPOLE RZ
1X
50K
2X
40K
3X
30K
5X
10K
>= 10X
2K



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com