Electronic Components Datasheet Search
  English  ▼

X  

SP7656 Datasheet(PDF) 6 Page - Exar Corporation

Part # SP7656
Description  3A, 29V Non-Synchronous Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7656 Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP7656 Datasheet HTML 2Page - Exar Corporation SP7656 Datasheet HTML 3Page - Exar Corporation SP7656 Datasheet HTML 4Page - Exar Corporation SP7656 Datasheet HTML 5Page - Exar Corporation SP7656 Datasheet HTML 6Page - Exar Corporation SP7656 Datasheet HTML 7Page - Exar Corporation SP7656 Datasheet HTML 8Page - Exar Corporation SP7656 Datasheet HTML 9Page - Exar Corporation SP7656 Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
11/07/08 SP7656 PowerBlox
Copyright 2008 EXAR Corporation
6
the capacitor discharges linearly as it supplies
IOUT-Iin. The contribution to Input voltage ripple
by each term can be calculated from:
2
)
(
,
Vin
Cin
fs
Vout
Vin
Vout
Iout
Cin
V
Irip
Iout
ESR
ESR
V
5
.
0
,
Trise
Irip
Iout
ESL
ESL
V
5
.
0
,
Where Trise is the rise time of current through
Capacitor. The total input voltage ripple is sum
of the above:
Output Capacitor Selection
Select the output capacitor for voltage rating,
capacitance and Equivalent Series Resistance
(ESR).
Nominally the voltage rating is selected to be
twice as large as the output voltage. Select the
capacitance to satisfy the specification for
output voltage overshoot/undershoot caused
by current step load. A steady-state output
current IOUT corresponds to inductor stored
energy of ½ L IOUT2.
A sudden decrease in IOUT forces the energy
surplus in L to be absorbed by COUT. This
causes an overshoot in output voltage that is
corrected by the power switch reducing in duty
cycle. Use the following equation to calculate
COUT:


2
2
2
1
2
2
Vout
Vos
I
I
L
Cout
Where:
L is the output inductance
I2 is the step load high current
I1 is the step load low current
Vos is output voltage including overshoot
VOUT is steady state output voltage
Output voltage undershoot calculation is more
complicated. Test results for SP7656 buck
circuits show that undershoot is approximately
equal to overshoot. Therefore above equation
provides a satisfactory method for calculating
COUT. Select ESR such that output voltage
ripple (VRIP) specification is met. There are two
components to the output ripple voltage: The
first component arises from charge transferred
to and from COUT during each cycle. The
second component is due to inductor ripple
current flowing through the output capacitor’s
ESR. It can be calculated from:
2
2
8
1


fs
Cout
ESR
Irip
Vrip
Where:
IRIP is inductor ripple current
f
s is switching frequency
COUT is output capacitor calculated above
Note that a smaller inductor results in a higher
inductor ripple current, therefore requiring a
larger COUT and/or lower ESR in order to meet
the output voltage ripple requirement.
Schottky Rectifier Selection
Select the Schottky based on the voltage
rating VR, Forward voltage Vf, and thermal
resistance Rthja. For a low duty cycle
application the Schottky is conducting most of
the time and its conduction losses are the
largest component of losses in the converter.
Conduction losses can be estimated from:
 
Vin
Vout
Iout
Vf
Pc
1
where:
Vf is diode forward voltage at IOUT
The AC losses from the switching capacitance
of a Schottky are negligible and can be
ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com