Electronic Components Datasheet Search
  English  ▼

X  

SC73P1601 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC73P1601
Description  4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P1601 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC73P1601 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SC73P1601
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.4
2009.08.03
Http: www.silan.com.cn
Page 1 of 22
4-BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
DESCRIPTION
SC73P1601 is one of Silan’
s 4-bit CMOS single-chip micro-
controllers for infrared remote control transmitters (IRCTs). It can be
implemented in various IRCTs circuits by OTP program. And it is
compatible with SC73C1602 on software and package.
FEATURES
* Wide operating voltage (2.0~4.0V), and low static power
consumption (<1
µA)
* OTP: 1K x 9 bits
* RAM: 16 x 4bits
* Timer/counter: (10~15 bits)
* 8-bit timer, generates various carrier frequencies and outputs
carrier duty
* 16 I/O pins, four 4-bit programmable I/O ports (except P50 and
P53)
* Oscillator frequency (fosc): fosc=4MHz(TYP.)
* Operating frequency: fmain=fosc/8
* Instruction cycle: 5/fmain
* Support low voltage detection
SSOP-20-300-0.65
SOP-20-300-1.27
SSOP-20-225-0.65
SOP-20-375-1.27
APPLICATIONS
* Infrared remote control device
* TV controller
* Video Cassette Recorder controller
* VTR, laser phonograph and acoustics
remote controller
ORDERING FORMATION
Part No.
Package
Marking
Material
Package Type
SC73P1601M
SSOP-20-300-0.65
SC73P1601M
Pb free
Tube
SC73P1601MTR
SSOP-20-300-0.65
SC73P1601M
Pb free
Tape & Reel
SC73P1601MA
SOP-20-300-1.27
SC73P1601MA
Pb free
Tube
SC73P1601MATR
SOP-20-300-1.27
SC73P1601MA
Pb free
Tape & Reel
SC73P1601MC
SSOP-20-225-0.65
SC73P1601MC
Pb free
Tube
SC73P1601MCTR
SSOP-20-225-0.65
SC73P1601MC
Pb free
Tape & Reel
SC73P1601MD
SOP-20-375-1.27
SC73P1601MD
Pb free
Tube
SC73P1601MDTR
SOP-20-375-1.27
SC73P1601MD
Pb free
Tape & Reel
SC73P1601MG
SSOP-20-300-0.65
SC73P1601MG
Halogen free
Tube
SC73P1601MGTR
SSOP-20-300-0.65
SC73P1601MG
Halogen free
Tape & Reel


Similar Part No. - SC73P1601

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC73P2602RC2 SILAN-SC73P2602RC2 Datasheet
998Kb / 28P
PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
SC73P2602RC2TR SILAN-SC73P2602RC2TR Datasheet
998Kb / 28P
PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
SC73P2602RC3 SILAN-SC73P2602RC3 Datasheet
998Kb / 28P
PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
SC73P2602RC3TR SILAN-SC73P2602RC3TR Datasheet
998Kb / 28P
PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
SC73P2602RD2 SILAN-SC73P2602RD2 Datasheet
998Kb / 28P
PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
More results

Similar Description - SC73P1601

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R Datasheet
538Kb / 40P
Remote Controller MCU
logo
Holtek Semiconductor In...
HT48RA3 HOLTEK-HT48RA3 Datasheet
245Kb / 36P
8-Bit Remote Type OTP MCU
May 12, 2003
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R_05 Datasheet
475Kb / 41P
Remote Controller MCU
logo
Silan Microelectronics ...
SC65D02P40 SILAN-SC65D02P40 Datasheet
1Mb / 16P
8-BIT MCU FOR PRESET REMOTE CONTROL (OTP TYPE)
SC73C1402 SILAN-SC73C1402 Datasheet
386Kb / 19P
4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
SC73C1602 SILAN-SC73C1602 Datasheet
487Kb / 23P
4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
logo
Holtek Semiconductor In...
HT83F10 HOLTEK-HT83F10 Datasheet
434Kb / 62P
Flash Type Voice OTP MCU
January 21, 2010
HT45R22E HOLTEK-HT45R22E Datasheet
432Kb / 72P
Remote Type 8-bit OTP MCU with EEPROM
HT48RA0-5 HOLTEK-HT48RA0-5 Datasheet
266Kb / 38P
Remote Type 8-Bit OTP MCU
HT48RA0-5 HOLTEK-HT48RA0-5_12 Datasheet
259Kb / 38P
Remote Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com