Electronic Components Datasheet Search
  English  ▼

X  

SC73P1601 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC73P1601
Description  4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P1601 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC73P1601 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SC73P1601
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.4
2009.08.03
Http: www.silan.com.cn
Page 5 of 22
Program time sequence:
Performance Characteristics
Symbol
Condition
Min.
Typ.
Max.
Unit
Setup time of “Oeb”
tOES
1
-
-
s
Setup time of “Ceb”
tCS
1
-
-
s
Setup time of “D[8:0]”
tDS
1
-
-
s
Hold time of “Ceb”
tCH
1
-
-
s
Hold time of “D[8:0]”
tDH
1
-
-
s
Setup time of “VPP”
tVPS
1
-
-
s
Setup time of “VDD”
tVDS
1
-
-
s
Pulse width of “Progb”
tPW
200
300
-
s
FUNCTION DESCRIPTION
SC73P1601 includes 4-bit MCU, outlay oscillator, system reset module. Next we will mainly introduce the
functions.
1. PC
PC refers to the program address pointer, 10 bits. The maximum addressing space is 1K ROM .The program
counter contains the address of the instruction that will be executed next. The PC value is cleared to 0 after reset.
The PC is set to predefined value when one of the 3 following occasions occurs: 1) when the JUMP instruction is
executed; 2) when a subroutine call is back; 3) when a program call is back. In the SC73P1601, all instructions
are one-byte instructions, PC increments by 1 each time an instruction is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com