Electronic Components Datasheet Search
  English  ▼

X  

SC74HC595 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC74HC595
Description  8BIT SHIFT REGISTER (SERIAL INPUT, 3S PARALLEL OUTPUT WITH LATCHES)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC74HC595 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC74HC595 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SC74HC595
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.04.19
Http
: www.silan.com.cn
Page 1 of 13
RECOMANDED OPERATING CONDITIONS
Characteristics
Symbol
Ratings
Unit
Power Supply Voltage
VCC
2~6
V
Input Voltage
VIN
0~VCC
V
Output Voltage
VOUT
0~VCC
V
Operating Temperature
Topr
-40~+85
°C
VCC =2.0V
0~1000
ns
VCC =4.5V
0~500
ns
Input Rise and Fall Time
Tr, Tf
VCC =6.0V
0~400
ns
8-BIT SHIFT REGISTER (SERIAL INPUT, 3S PARALLEL OUTPUT WITH
LATCHES)
DIP-16-300-2.54
SOP-16-225-1.27
SOP-16-300-1.27
TSSOP-16-225-0.65
SSOP-16-300-0.65
DESCRIPTION
SC74HC595 utilizes advanced CMOS technology, and has
8-bit shift register with serial input, serial/parallel output and 8-
bit tri-state output flip-latch. The pin configuration is in accord
with the 54LS/74LS series, and the operating speed is similar
to 54LS/74LS. This circuit has the protecting circuit for all the
inputs and outputs to avoid the damage caused by the static
discharge. And it has the ability of driving load and features
high noise immunity.
The register and flip-latch both have separate clock inputs
(SCK and RCK). The serial input data (IS) is stored into
register at the rising edge of SCK; the data of register is stored
into flip-latch at the rising edge of RCK. The low level of clear
port ( SCLR ) only reset the register, and is no effect to flip-
latch. When the control enable ( G ) is high level, the parallel-
out is level Z.
FEATURES
* Wide operating voltage range
2~6V
* Low input current
1
µA
* High output driving ability
15 LS-TTL loads
* High operating speed(Typical)
fmax=55MHz (VCC=5V)
* Low supply current
80
µA
APPLICATIONS
* LED screen
ORDERING INFORMATION
Device
Package
SC74HC595
DIP-16-300-2.54
SC74HC595A
SOP-16-225-1.27
SC74HC595B
SOP-16-300-1.27
SC74HC595C
TSSOP-16-225-0.65
SC74HC595D
SSOP-16-300-0.65


Similar Part No. - SC74HC595

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SC741110 CELDUC-SC741110 Datasheet
97Kb / 2P
Power Solid State Relay
SC742110 CELDUC-SC742110 Datasheet
97Kb / 2P
Power Solid State Relay
logo
Silan Microelectronics ...
SC7422 SILAN-SC7422 Datasheet
169Kb / 8P
2CH AUDIO POWER AMPLIFIER (W x 2)
SC7422S SILAN-SC7422S Datasheet
169Kb / 8P
2CH AUDIO POWER AMPLIFIER (W x 2)
logo
List of Unclassifed Man...
SC744110 ETC1-SC744110 Datasheet
159Kb / 2P
Power Solid State Relay
More results

Similar Description - SC74HC595

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC164A ONSEMI-MC74HC164A Datasheet
195Kb / 8P
8-Bit Serial-Input/Parallel-Output Shift Register
March, 2000 ??Rev. 1
logo
Toshiba Semiconductor
TD62C851P TOSHIBA-TD62C851P Datasheet
332Kb / 10P
8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
logo
System Logic Semiconduc...
SL74LS164 SLS-SL74LS164 Datasheet
36Kb / 4P
8-Bit Serial-Input/Parallel-Output Shift Register
logo
Integral Corp.
IN74AC164 INTEGRAL-IN74AC164 Datasheet
168Kb / 5P
8-Bit Serial-Input/Parallel-Output Shift register
IN74ACT164 INTEGRAL-IN74ACT164 Datasheet
166Kb / 5P
8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LS164 KODENSHI-KK74LS164 Datasheet
279Kb / 5P
8-Bit Serial-Input/Parallel-Output Shift Register
logo
Motorola, Inc
MC54-74HC164A MOTOROLA-MC54-74HC164A Datasheet
250Kb / 9P
8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
NXP Semiconductors
74VHCT595BQ NXP-74VHCT595BQ Datasheet
246Kb / 22P
8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 2-4 July 2012
logo
ON Semiconductor
MC74HC164B ONSEMI-MC74HC164B Datasheet
97Kb / 9P
8-Bit Serial-Input/Parallel- Output Shift Register
March, 2016 ??Rev. 2
MC74HC164A ONSEMI-MC74HC164A_12 Datasheet
151Kb / 11P
8-Bit Serial-Input/Parallel- Output Shift Register
July, 2012 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com