Electronic Components Datasheet Search
  English  ▼

X  

SC74HC595 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC74HC595
Description  8BIT SHIFT REGISTER (SERIAL INPUT, 3S PARALLEL OUTPUT WITH LATCHES)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC74HC595 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC74HC595 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SC74HC595
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.04.19
Http
: www.silan.com.cn
Page 5 of 13
(Continued)
Testing conditions
Characteristics
Symbol
VCC(V)
CL(pF)
Min.
Typ.
Max.
Unit
2.0
--
17
75
4.5
--
6
15
Minimum Pulse Width
(SCK, RCK)
tW(H)
6.0
50
--
6
13
ns
2.0
--
20
75
4.5
--
6
15
Minimum Pulse Width
( SCLR )
tW(L)
6.0
50
--
6
13
ns
2.0
--
25
50
4.5
--
5
10
Minimum Set-up Time
(SI-SCK)
tS
6.0
50
--
4
9
ns
2.0
--
35
75
4.5
--
8
15
Minimum Set-up Time
(SCK-RCK)
tS
6.0
50
--
6
13
ns
2.0
--
40
100
4.5
--
10
20
Minimum Set-up Time
( SCLR -RCK)
tS
6.0
50
--
7
17
ns
2.0
--
--
0
4.5
--
--
0
Minimum Hold Time
tH
6.0
50
--
--
0
ns
2.0
--
15
50
4.5
--
3
10
Minimum Clear Time
tREM
6.0
50
--
3
9
ns
Input Capacitance
CIN
--
5
10
pF
Power Dissipation Capacitance
CPD(*)
--
184
pF
(*): CPD is defined as the internal equivalent capacitance of the IC. It is calculated from the operating current
without load; and the average operating current can be obtained by the equation: ICC (opr) =CPD*VCC*fIN+ICC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com