Electronic Components Datasheet Search
  English  ▼

X  

SC3004 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC3004
Description  INFRARED REMOTE CONTROL TRANSMITTER OF 3004 CODE FORMAT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3004 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC3004 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC3004 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3004 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3004 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3004 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3004 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3004 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3004 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3004 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SC3004
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2005.12.15
Http: www.silan.com.cn
Page 3 of 10
PIN DESCRIPTION
PIN NO.
Symbol
DESCRIPTIONS
1
NC
NOT CONNECT
2
GND
Negative Power Supply
3-10
KO0-KO7
Scan Driver Pins
11-18
KI0-KI7
Key Sense Input Pins
19
CCI
User Code Select
20
LED
Led Pin
21
REM
Generate Output Data Pin (with carrier wave)
22
OSCO
Oscillator output
23
OSCI
Oscillator input
24
VDD
Power Supply
FUNCTIONAL DESCRIPTION
SC3004 CODE FORMAT:
Start bit
Even/odd
User code
Data code
1
1/0
S2
S1
S0
D5
D4
D3
D2
D1
D0
User code can be set to one of following (decided by pin CCI):
line
KO0
KO1
KO2
KO3
KO4
KO5
KO6
S2 S1 S0
000
001
010
011
100
101
111
The SC3004 code format is showed as following:
3 bit user code
6 bit data code
1
star bit and even/odd bit
same key code
first key code(odd)
no key
121ms
0
167us
5.06ms
167us
7.59ms
Note: Even/odd bit: the bit will retake when a key is pressed.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com