Electronic Components Datasheet Search
  English  ▼

X  

SC3442 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC3442
Description  SCIENTIFIC 10DIGITS CALCULATOR CIRCUIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3442 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC3442 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC3442 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3442 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3442 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3442 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3442 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3442 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3442 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3442 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SC3442
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2007.04.17
Http: www.silan.com.cn
Page 1 of 21
SCIENTIFIC 10-DIGITS CALCULATOR CIRCUIT
DESCRIPTION
The SC3442 is the CMOS LSI for a 10-digits display and the
complete single chip for scientific calculator with 56 programmed
functions.
FEATURES
* Display
-- 10 display digits plus negative code digits.
-- Scientific and engineering display.
-- 8 mantissa digits plus 2 exponent digits plus 2 negative code
digits.
* 14 kinds of special display
M
Memory
GRAD
Gradient
–
Minus
(
)
Parenthesis
E
Error
BIN
Binary mode
2ndF
2nd Function
OCT
Octal mode
HYP
Hyperbolic
HEX
Hexadecimal mode
DEG
Degree
CMX
Complex number mode
RAD
Radian
STAT
Statistic calculation mode
* The minus sign of the mantissa is floating minus.
* The arithmatic key operation has the same sequence as the
mathematical equation, 6 pending operations are allowed and ( )
are up to continuous 15 levels.
* Mutual conversion and calculation in arithmetic among binary,
octal, decimal, and hexadecimal numbers.
* One independent accumulating memory.
* It is possible to convert and fix the display number system by the
F
→E key.
ORDERING INFORMATION
* It is possible to specify decimal part
digits by the TAB key.
* Direct drive for LCD (1/3 prebias, 1/4
duty)
* Automatic power off (about 7.5
minutes)
* Low power consumption
VDD=3.0V single power supply.
ABCOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Value
Unit
VDD
-0.3 ~ +5.0
V
Terminal Voltage
VIN
-0.3 ~ VDD+0.3
V
Operating Temperature
Topr
0 ~+40
°C
Storage Temperature
Tstg
-55 ~ +125
°C


Similar Part No. - SC3442

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC3449 SILAN-SC3449 Datasheet
625Kb / 22P
PROGRAMMABLE CALCULATOR WITH 10BIT
More results

Similar Description - SC3442

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC3423 SILAN-SC3423 Datasheet
238Kb / 13P
8-DIGIT CALCULATOR
logo
Texas Instruments
TI-30XIIB TI-TI-30XIIB Datasheet
172Kb / 5P
Scientific Calculators
logo
Integral Corp.
IZ1229 INTEGRAL-IZ1229 Datasheet
106Kb / 6P
10-DIGITS CALCULATOR
IZ1229M INTEGRAL-IZ1229M Datasheet
108Kb / 6P
10-DIGITS CALCULATOR
IZ1238M INTEGRAL-IZ1238M Datasheet
93Kb / 6P
8-DIGITS CURENCY CALCULATOR
IZ1242C INTEGRAL-IZ1242C Datasheet
273Kb / 18P
SCIENTIFIC 10 DIGITS LCD CALCULATOR
IZ1242M INTEGRAL-IZ1242M Datasheet
353Kb / 18P
Scientific 10 Digits LCD Calculator
IZ12291M INTEGRAL-IZ12291M Datasheet
98Kb / 5P
10-DIGITS CALCULATOR
logo
SHENZHEN FUMAN ELECTRON...
TC34014SS FUMAN-TC34014SS Datasheet
338Kb / 11P
12-digit calculator
logo
List of Unclassifed Man...
A111 ETC1-A111 Datasheet
259Kb / 2P
Thermo Scientific Orion Star
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com