Electronic Components Datasheet Search
  English  ▼

X  

SC3442 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC3442
Description  SCIENTIFIC 10DIGITS CALCULATOR CIRCUIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3442 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC3442 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC3442 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3442 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3442 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3442 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3442 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3442 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3442 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3442 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SC3442
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2007.04.17
Http: www.silan.com.cn
Page 2 of 21
ELECTRICAL CHARACTERISTICS (VDD=+3.0V±0.2V, VSS=0V, Tamb=25~70°C)
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Unit
Operating Voltage
VDD
--
2.5
3
3.4
V
Idis
VDD=3V, Stand by
20
35
µA
Iopr
VDD=3V, Operation
70
120
µA
Supply Current
Ioff
VDD=3V, Off
1
3
µA
Fdis
VDD=3V, Stand by
30
45
kHz
Osc Frequency
Fopr
VDD=3V, Operation
200
280
kHz
Frame Frequency
Ff
VDD=3V, Stand by
110
180
Hz
Auto Power Off
Iapo
VDD=3V
300
430
600
Sec
High Input Voltage (KI8~KI1)
VIH
--
VDD-0.5
VDD
V
Low Output Voltage (KI8~KI1)
VIL
--
VSS
VSS+0.5
V
High Output Voltage (KI8, KI4, KI2)
VOH
--
VDD-0.2
VDD
VDD
V
Low Output Voltage (KI1)
VOL
--
VSS
VSS
VSS+0.2
V
Key Pull Down Resistance (KI1)
Fpd
Vout=0V
30
50
70
k
Ω
Key Pull Up Resistance(KI8, KI4, KI2)
Rpu
Vout=VDD
30
50
70
k
Ω
High Output Voltage (LCD, COM)
VOH
--
VDD-0.2
VDD
VDD
V
“M”Output Voltage (LCD, COM)
VOM
--
2/3 VDD
-0.2
2/3 VDD
2/3 VDD
+0.2
V
“M”Output Voltage (LCD, COM)
VOM
--
1/3 VDD
-0.2
1/3 VDD
1/3 VDD
+0.2
V
Low Output Voltage (LCD, COM)
VOL
--
VSS
VSS
VSS+0.2
V
PAD ASSIGNMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com