Electronic Components Datasheet Search
  English  ▼

X  

SC7106 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC7106
Description  3 DIGITS, LCD/LED DISPLAY, A/D CONVERTERS FOR DMM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7106 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC7106 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC7106 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC7106 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7106 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7106 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7106 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7106 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7106 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7106 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
SC7106/7107
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2006.02.27
Http: www.silan.com.cn
Page 2 of 22
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATING
Characteristics
Symbol
Value
Unit
SC7106
V+ ~ V-
15
SC7107
V+ ~ GND
6
Supply Voltage
SC7107
V- ~ GND
-9
V
Analog Input Voltage(Either Input) (Note 1)
V+ ~ V-
Reference Input Voltage(Either Input)
V+ ~ V-
SC7106
TEST to V+
Clock Input
SC7107
GND to V+
Operating Temperature
Topr
0 ~ +70
°C
Storage Temperature
Tstg
-65 ~ 150
°C
Thermal resistance(typical) (Note 2)
θJA
50
°C/W
Maximum Junction Temperature
150
°C
NOTE: 1. Input voltages may exceed the supply voltages provided the input current is limited to
±100µA.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
3. Not tested, guaranteed by design.
4. Back plane drive is in phase with segment drive for "off" segment, 180 degrees out of phase for "on"
segment. Frequency is 20 times conversion rate. Average DC component is less than 50mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com