Electronic Components Datasheet Search
  English  ▼

X  

SC7106 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC7106
Description  3 DIGITS, LCD/LED DISPLAY, A/D CONVERTERS FOR DMM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7106 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC7106 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC7106 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC7106 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7106 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7106 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7106 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7106 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7106 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7106 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SC7106/7107
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2006.02.27
Http: www.silan.com.cn
Page 3 of 22
ELECTRICAL CHARACTERISTICS(Unless otherwise noted, specificatons apply to both the SC7106 and
SC7107 at Tamb=25
°C, Fclock=48kHz, SC7106 is tested in the circuit of Figure 1. SC7107 is tested in the circuit
of Figure 2.)
Characteristics
Test Conditions
Min. Typ. Max.
Unit
SYSTEM PERFORMANCE
Zero Input Reading
VIN=0.0V, Full Scale=200mV
-000.0
±000.
0
+000.
0
Digital
Reading
Ratiometric Reading
VIN=VREF, VREF=100mV
999
999/
1000
1000
Digital
Reading
Rollover Error
-VIN=+VIN
≈ 200mV
Difference In Reading For Equal Positive
And Negative Inputs Near Full Scale
--
±0.2
±1
Counts
Linearity
Full Scale =200mV Or Full Scale =2V
Maximum Deviation From Best Straight
Line Fit (Note 3)
--
±0.2
±1
Counts
Common Mode Rejection Ratio
VCM=1V,VIN=0V,Full Scale=200mV (Note
3)
--
50
--
µV/V
Noise
VIN=0V,Full Scale=200mV,(Peak-To-Peak
Value Not Exceeded 95% of Time)
--
15
--
µV
Leakage Current Input
VIN=0(Note 3)
--
1
10
pA
Zero Reading Drift
VIN=0, 0
°C To 70°C(Note 3)
--
0.2
1
µV/°C
Scale Factor Temperature Coefficient
VIN=199mV, 0
°C TO 70°C
(Ext.Ref.0ppm/
°C) (Note 3)
--
1
5
ppm/
°C
End Power Supply Character V+
Supply Current
VIN=0(Does Not Include LED Current For
SC7107)
--
1.0
1.8
mA
End Power Supply Character V-
Supply Current
SC7107 Only
--
0.6
1.8
mA
COMMON Pin Analog Common
Voltage
25k
Ω Between Common And Positive
Supply (With Respect To V+ Supply)
2.4
3.0
3.2
V
Temperature Coefficient Of Analog
Common
25k
Ω Between Common And Positive
Supply (With Respect To V+ Supply)
--
80
--
ppm/
°C
DISPLAY DRIVER (SC7106 ONLY)
Peak-To-Peak Segment Drive Voltage
Peak-To-Peak Backplane Drive
Voltage
V+ To V-=9V(Note 4)
4
5.5
6
V
DISPLAY DRIVER (SC7107 ONLY)
Segment Sinking Current
(Except Pins 19 And 20)
5
8
--
mA
Pin 19 Only
10
16
--
mA
Pin 20 Only
V+=5V, Segment Voltage=3V
4
7
--
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com