Electronic Components Datasheet Search
  English  ▼

X  

SC9260 Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SC9260
Description  2CH ELECTRONIC VOLUME CONTROLLER CONTROLLED BY SERIAL INTERFACE WITH LOUDNESS CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9260 Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

Back Button SC9260 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9260 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9260 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9260 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9260 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9260 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9260 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9260 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9260 Datasheet HTML 11Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SC9260
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 7 of
12
2. Setting volume values
Optional attenuation data is input through the DATA, CK and STB terminals.
Data consists of 18 bits as follows
(1) Serial data format
(2)Chip select code (C1~C4)
Chip select code is set to use serial bus line in common with other ICs. Data C2, C3, C4 is fixed 0, 1, 1 in
SC9260. When level of CS input pin (7 pin) correspond to C1 bit, data is valid.
(3)L is left-channel select data; R is right-channel select data (L/R)
When L=1, left-channel volume is set; when R=1, right-channel volume is set.
(When R=L=1, both channel volume are set simultaneously).
(4)LD is loudness setting data
When LD=”0”, loudness is OFF (LS1=OFF, LS2=ON)
When LD=”1”, loudness is ON (LS1=ON, LS2=OFF)
(5)Volume setting data (D1~D6)
List of volume data and step
Enabled
Switch
D1
D2
D3
D4
D5
D6
Enabled
Switch
D1
D2
D3
D4
D5
D6
K0
0
0
0
0
0
0
K20
0
0
1
0
1
0
K1
1
0
0
0
0
0
K21
1
0
1
0
1
0
K2
0
1
0
0
0
0
K22
0
1
1
0
1
0
K3
1
1
0
0
0
0
K23
1
1
1
0
1
0
K4
0
0
1
0
0
0
K24
0
0
0
1
1
0
K5
1
0
1
0
0
0
K25
1
0
0
1
1
0
K6
0
1
1
0
0
0
K26
0
1
0
1
1
0
K7
1
1
1
0
0
0
K27
1
1
0
1
1
0
K8
0
0
0
1
0
0
K28
0
0
1
1
1
0
K9
1
0
0
1
0
0
K29
1
0
1
1
1
0
K10
0
1
0
1
0
0
K30
0
1
1
1
1
0
K11
1
1
0
1
0
0
K31
1
1
1
1
1
0
K12
0
0
1
1
0
0
K32
0
0
0
0
0
1
K13
1
0
1
1
0
0
K33
1
0
0
0
0
1
K14
0
1
1
1
0
0
K34
0
1
0
0
0
1
K15
1
1
1
1
0
0
K35
1
1
0
0
0
1
K16
0
0
0
0
1
0
K36
0
0
1
0
0
1
K17
1
0
0
0
1
0
K37
1
0
1
0
0
1
K18
0
1
0
0
1
0
K38
0
1
1
0
0
1
K19
1
1
0
0
1
0
K39
1
1
1
0
0
1
K40
0
0
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com