Electronic Components Datasheet Search
  English  ▼

X  

SC9260 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC9260
Description  2CH ELECTRONIC VOLUME CONTROLLER CONTROLLED BY SERIAL INTERFACE WITH LOUDNESS CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9260 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC9260 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9260 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9260 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9260 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9260 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9260 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9260 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9260 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9260 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SC9260
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 1 of
12
2-CH ELECTRONIC VOLUME CONTROLLER CONTROLLED BY SERIAL
INTERFACE WITH LOUDNESS CONTROL
BLOCK DIAGRAM
DESCRIPTION
The SC9260 and SC9260S are an optimum CMOS with I
2C interface
on Chip, which has been designed for electrification of volume control
of audio equipment, etc.
FEATURES
* Attenuation can be controlled from 0dB to -78dB by 2dB/step.
* This ICs feature a built-180in loudness circuit.(20dB tap)
* The volume, balance and loudness circuits can be controlled by I
2C
series data.
* CS (Chip Select) input allows control of up to 2 of this chip on the
same bus.
* Use Polysilicon resistors enable low-distortion, high-performance
volume system.
* Package is DIP-16 and SOP-16
APPLICATIONS
* Digital volume control Radio
* CD, VCD and DVD system volume control
* DTS system volume control
* Audio system volume control
DIP-16-300-2.54
SOP-16-300-1.27
ORDERING INFORMATION
Device
Package
SC9260
DIP-16-300-2.54
SC9260S
SOP-16-300-1.27


Similar Part No. - SC9260

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC9263 FAIRVIEW-SC9263 Datasheet
36Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM N-F PANEL SLOTTED CONTACT
REV A
More results

Similar Description - SC9260

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7535M SANYO-LC7535M Datasheet
226Kb / 9P
Electronic Volume/Loudness Control with Serial Data Control and High Voltage-Handling Capacity
logo
Renesas Technology Corp
M51132L RENESAS-M51132L Datasheet
342Kb / 12P
2ch Electronic Volume Balance
Rev.1.0 Sep.05.2003
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
2ch Electronic Volume with Surround
logo
Mitsubishi Electric Sem...
M51132L MITSUBISHI-M51132L Datasheet
519Kb / 9P
2CH ELECTRONIC VOLUME-BALANCE
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
2ch Electronic Volume with Surround
M62420SP RENESAS-M62420SP Datasheet
183Kb / 17P
2ch Electronic Volume with Tone by I2C Bus System
logo
Princeton Technology Co...
PT2329 PTC-PT2329 Datasheet
189Kb / 4P
2CH Electronic Volume with Tone & Surround
logo
Rohm
BD3812F ROHM-BD3812F_1 Datasheet
337Kb / 10P
2ch Electronic Volume
logo
Princeton Technology Co...
PT2329 PTC-PT2329_10 Datasheet
189Kb / 4P
2CH Electronic Volume with Tone & Surround
logo
Shenzhenshi YONGFUKANG ...
CSC62429 YONGFUKANG-CSC62429 Datasheet
201Kb / 5P
Serial data controlled dual channel electronic volume control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com