Electronic Components Datasheet Search
  English  ▼

X  

SC9640P Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC9640P
Description  CD DIGITAL SERVO SIGNAL PROCESSOR WITH MCU (SLAVE MODE)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9640P Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC9640P Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SC9640P
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Unit
RAD, FOC, SLED, MOTO Output 3-
State Leakage Current
IZODRIVE
RAD,FOC,SELD,MOTO
-10
0
+10
μA
Total harmonic distortion and Noise-
To-Signal Ratio
S/N_DA
60
65
70
dB
0 to 19 kHz
-
-
0.001
dB
19 to 20 kHz
1
-
2
dB
24KHz
25
-
-
dB
25 to 35 KHz
40
-
-
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2009.03.27
Http:// www.silan.com.cn
Page 3 of 10
dB
35 to 64 KHz
50
-
-
dB
64 to 68 KHz
31
-
-
dB
68KHz
35
-
-
dB
DA
Filter Attenuation
Filter_DA
69 to 88KHz
40
-
-
dB
OSC Frequency
Fsystem
-
8.4672
-
MHz
PIN CONFIGURATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com