Electronic Components Datasheet Search
  English  ▼

X  

SC9640P Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC9640P
Description  CD DIGITAL SERVO SIGNAL PROCESSOR WITH MCU (SLAVE MODE)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9640P Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC9640P Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SC9640P
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2009.03.27
Http:// www.silan.com.cn
Page 5 of 10
Pin No.
Pin Name
I/O
Function description
Remark
29
NC
-
No connection
30
P3
O
Connect to the diode to power on auto
play.
31
AMP_MUTE
O
Power amplifier mute output, high active
32
VSSP
-
MCU ground
33
VPP
-
Voltage supply of testing module
No connection
34
Vddo
-
DAC power supply
35
Vsso
-
DAC ground
36
VREF
O
Internal reference voltage output
Typical value 0.5 Vdd
37
VOR
O
DAC right channel audio output
38
FILTCR
I
DAC right channel filter capacitor
39
FILTCL
I
DAC left channel filter capacitor
40
VOL
O
DAC left channel audio output
41
RAD
O
Tracking drive output
42
FOC
O
Focus drive output
43
SLED
O
Sled drive output
44
MOTO
O
Spindle drive output
45
VDD
-
Servo Supply Voltage
46
GND
-
Servo Ground, I/O ground
47
V2/SLED_SW
I
Sledge motor position monitor signal input
Built-in pull up resistor
48
LDON
O
Laser control signal output
49
Vssal
-
Analog Ground of Servo Module ADC.
50
Vdda1
-
Analog Supply Voltage of Servo Module
ADC.
51
B
I
Central diode current signal input B
52
A
I
Central diode current signal input A
53
C
I
Central diode current signal input C
54
D
I
Central diode current signal input D
55
F
I
Satellite diode current signal input F
56
E
I
Satellite diode current signal input E
57
VCOM
I
Photo-electricity signal bias input
58
ISLICE
O
Data signal feed-back current output
59
HFIN
I
CD data pick up signal input
60
HFREF
I
Reference signal
61
Vssa2
-
Analog ground of Servo module HF and
the PLL.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com