Electronic Components Datasheet Search
  English  ▼

X  

SC9696P Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC9696P
Description  CD SERVO CONTROLLER WITH MCU
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9696P Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC9696P Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SC9696P
BLOCK DIAGRAM
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2009.02.26
Http: www.silan.com.cn
Page 2 of 21
ABSOLUTE MAXIMUM RATING (Tamb=25°C)
Characteristics
Symbol
Rating
Unit
Supply Voltage
VDD
-0.5 ~ +5.5
V
Input Voltage on Pins
VIN
-0.5 ~VDD + 0.5
V
Operating Temperature
Topr
-20 ~ +75
°C
ELECTRICAL CHARACTERISTICS(VDD=4.5~5.5V; VSS=0V; Tamb=-10~+50°C)
Characteristics
Symbol
Test condition
Min.
Typ.
Max.
Unit
MCU Operating Voltage
MVDD
-
4.0
5.0
5.5
V
Operating Voltage
VDD
Exception MCU
4.5
5.0
5.5
V
Operating Current
IDD
5V(CD operating)
-
50
-
mA
RFIN Input Signal
VRFIN
-
-
1
-
V
Reference Voltage
VIr
-
-
0.5VDD
-
Photoelectricity Signal
Bias Input
Vcom
-
-
2.5
-
V
Input Current Of Central
Diode B
IDB
-
0
-
9
μA
Input Current Of Central
Diode A
IDA
-
0
-
9
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com