Electronic Components Datasheet Search
  English  ▼

X  

SC9696P Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC9696P
Description  CD SERVO CONTROLLER WITH MCU
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9696P Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC9696P Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SC9696P
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2009.02.26
Http: www.silan.com.cn
Page 6 of 21
PIN DESCRIPTIONS
Pin no.
Pin name
I/O
Descriptions
1
PG.3
I/O
General purpose IO port, input bit by bit control with pull-up,
output pull-up close
2
PG.2
I/O
General purpose IO port, input bit by bit control with pull-up,
output pull-up close
3
PG.1
I/O
General purpose IO port, input bit by bit control with pull-up,
output pull-up close
4
PG.0
I/O
General purpose IO port, open-drain input bit by bit control with
pull-up, output forced to pull-up
5
MGND
I
MCU and periphery ground
6
MVDD
I
MCU and periphery power supply
7
BUZZ/PB.7
I/O
General purpose IO port, input bit by bit control with pull-up,
output pull-up close, Schmitt input
8
INT6/PB.6
I/O
General purpose IO port, input bit by bit control with pull-up,
output pull-up close, Schmitt input
9
INT5/PB.5
I/O
General purpose IO port, input bit by bit control with pull-up,
output pull-up close, Schmitt input
10
EXTREF/PA.7
I/O
General purpose IO port
Also used as AD reference voltage input
11
AD6/PA.6
I/O
General purpose IO port
Also used as AD switch channel 6
12
AD5/PA.5
I/O
General purpose IO port
Also used as AD switch channel 5
13
AD4/PA.4
I/O
General purpose IO port
Also used as AD switch channel 4
14
AD3/PA.3
I/O
General purpose IO port
Also used as AD switch channel 3
15
AD2/PA.2
I/O
General purpose IO port
Also used as AD switch channel 2
16
AD1/PA.1
I/O
General purpose IO port
Also used as AD switch channel 1
17
AD0/PA.0
I/O
General purpose IO port
Also used as AD switch channel 0
18
MVDD
I
MCU and periphery power supply
19
MXI
I
75K oscillator input port
20
MXO
O
75K oscillator output port
21
MGND
I
MCU and periphery ground
22
INT4/PB.4
I/O
General purpose IO port, input bit by bit control with pull-up,
output pull-up close, Schmitt input
23
INT3/PB.3
I/O
General purpose IO port, input bit by bit control with pull-up,
output pull-up close, Schmitt input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com