Electronic Components Datasheet Search
  English  ▼

X  

SC9711X Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC9711X
Description  MCU EMBEDDED A/D CONVERTER FOR DMM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9711X Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC9711X Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9711X Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9711X Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9711X Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9711X Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9711X Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9711X Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9711X Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9711X Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SC9711
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2007.11.07
Http
: www.silan.com.cn
Page 2 of 14
ELECTRICAL CHARACTERISTICS (Tamb=25°C, VDD=3V)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Recommend Operating Voltage
VDD
2.4
3.6
V
Supply Current
IDD
At DCV mode
1.5
2
mA
Power-off Current
IPO
AT Power off
10
µA
Digital Input High Voltage
VIH
VDD-0.5
V
Digital Input Low Voltage
VIL
0.5
V
Pull Up Current
IPU
Vin=0
5
10
µA
Analog Ground Voltage
AGND
VDD/2-3%
VDD/2
VDD/2+3%
V
Analog Power Supply Voltage
VDDA
3.4
3.7
4
V
Build In Reference Voltage
VBAND
Relative AGND
voltage
1.1
1.25
1.4
V
Reference
Voltage
Output
Voltage Coefficient
VDD=2.4~3.6
-2000
+2000
ppm/V
Recommend Input Reference
Voltage
REF1
Relative to AGND
voltage
0.44
V
Low Battery Detector Voltage
VBATT
2.25
2.4
2.55
V
LCD Frame Frequency
FLCD
32
Hz
LCD Pk-Pk Driver Voltage
VLCD
2.8
3
3.2
V
Beeper Frequency
FBEEP
2.7
KHz
Zero Input Reading
DC ADPx1 input=0V
-0.001
0.000
0.0001
Linearity (max. Deviation From
Best Straight Line Fit)
DC ADPx1 input
Full Scale
±240.0mV
-1
0
+1
Counts
AC
Measurement
Bandwidth
Error
AC ADPx1
240mVrms
20Hz~1KHz
0.2
%
Continuity Check Value
RCC
10
60
Ohm
ADC
Measurement
O.L
Display Count
4050
Counts
Autorange Up Counts
4000
Counts
Autorange Down Counts
360
Counts
VIL( relative AGND)
-60
mV
Frequency Counter Input Level
(Hz/duty Control)
VFREA
VIH(relative AGND)
60
mV
Frequency Counter Max. Input
Frequency (Hz/Duty Control)
FMAXA
VPP=
±100mV square
wave input
500k
Hz
Duty Measurement Min. Pulse
Width Error (Hz/duty Control)
*1
VPP=
±100mV square
wave input
1
µs
VIL(relative AGND)
-600
mV
Frequency Counter Input Level
(MEAS=0100)
VFRED
VIH(relative AGND)
600
mV
Frequency Counter Input Max.
Frequency (MEAS=0100)
FMAXD
VPP=
±600mV square
wave input
5M
Hz
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com