Electronic Components Datasheet Search
  English  ▼

X  

SC9711X Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC9711X
Description  MCU EMBEDDED A/D CONVERTER FOR DMM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9711X Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC9711X Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9711X Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9711X Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9711X Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9711X Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9711X Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9711X Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9711X Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9711X Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SC9711
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2007.11.07
Http
: www.silan.com.cn
Page 6 of 14
(Continued)
Pin no.
symbol
Description
Pin no
symbol
Description
46
AGND
3V battery midpoint, analogy
ground.
96
OP1N
AC
signal
buffer
operate
amplifier input pin (-)
47
NC
97
NC
48
VDD
2
×1.5V battery positive input
98
OP1O
AC
signal
buffer
operate
amplifier output pin
49
NC
99
NC
50
NC
100
OP2P
AC/Dc switcher OPAMP input
pin
FUNCTION DESCRIPTION
Auto/manual switch RANGE
RANGE is the Push-Type switcher, and set in auto switch at power-on. If pressed RANGE key, it switch into
manual step. In manual states, press it up jumper one step. If jumper from highest step to lowest step, only need
pressed the key for 2 second, automatic switch into auto step. Hz/Duty and CAP because of the measure mode
cannot switch into manual switch mode.
Display hold HOLD
HOLD Key is the Push-Type switcher, use for holding the display data.
Relatively value display REL
REL Key is the Push-Type switcher. Besides Hz/Duty, other measurements have this function, it can automatic
switch into auto switch mode.
Auto power-off
When measure operating more than 15 minutes, and didn’
t switch the measure step (that is didn’
t press the
push button), it will switch into standby mode automatically. If press the select key, auto power off invalidation.
Back Light Control:
When pressed the BLCTR or RANGE more than 2s, B1OUT will be set to “1”, and if press BLCTR again, it will
be cleared.
Beeper
When select
Rel
Hold
Range
HZ/DUTY and BLCTR keys pressed and function switched , the Beeper
On about 0.5~1S. When ACV>750V, DCV>1000V, AC/DC
µA >4000µA, AC/DC mA, AC/DC A>10A, the beeper
will hold ON to indicator the warning of the out of range. At one minute before auto power off, beeper will beep
five times, and before shut down, beep one time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com