Electronic Components Datasheet Search
  English  ▼

X  

SC16315 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC16315
Description  VFD CONTROLLER/DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC16315 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC16315 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SC16315
ABSOLUTE MAXIMUM RATING (Unless otherwise specified, Tamb=25°C, VSS=0V)
Characteristics
Symbol
Value
Unit
Logic Supply Voltage
VDD
-0.5 ~ +6.0
V
Driver Supply Voltage
VEE
VDD + 0.5 ~ VDD - 40
V
Logic Input Voltage
VI1
-0.5 ~ VDD + 0.5
V
FIP Driver Output Voltage
VO2
VEE - 0.5 ~ VDD + 0.5
V
LED Driver Output Current
IO1
±20
mA
FIP Driver Output Current
IO2
-40 (grid); -15 (segment)
mA
Power Dissipation
PD
800 *
mW
Storage Temperature
TSTG
-65 ~ +150
°C
Operating Ambient
Temperature
Tamb
-40 ~ + 85
°C
* Note: Derate at –6.4 mW/
°C at Tamb=25°C or higher.
RECOMMENDED OPERATING RANGE (Tamb= -20 ~ 70 °C, VSS=0V)
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Logic Supply Voltage
VDD
3
5
5.5
V
High-Level Input Voltage
VIH
0.7VDD
--
VDD
V
Low-Level Input Voltage
VIL
0
--
0.3VDD
V
Driver Supply Voltage
VEE
0
--
VDD-35
V
Maximum power consumption PMAX. = FIP driver dissipation + RL dissipation + LED driver dissipation +
dynamic power consumption
Where segment current = 3mA, grid current = 15mA, and LED current = 20mA,
FIP driver dissipation = number of segments x 6 + number of grids/ (number of grids + 1) x 30(mW)
RL dissipation = (VDD-VEE) /50 x (number of segments + 1) (mW)
2
LED driver dissipation = number of LEDs x 20(mW)
Dynamic power consumption = VDD x 5(mW)
ELECTRICAL CHARACTERISTICS (Tamb= 25 °C, VDD =5V, VSS=0V, VEE=VDD-35V)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
High-Level Output Voltage
VOH1
LED1- LED4, IOH1=-12mA
VDD-1
--
--
V
Low-Level Output Voltage
VOL1
LED1- LED4, IOL1 =+15mA
--
--
1
V
Low-Level Output Voltage
VOL2
DOUT, IOL2=4mA
--
--
0.4
V
High-Level Output Current
IOH21
VO=VDD-2V, Seg1/KS1 to
Seg16/KS16
-3
--
--
mA
High-Level Output Current
IOH22
VO=VDD-2V, Grid1 to Grid4
Seg17/Grid12 to Seg24/Grid5
-15
--
--
mA
Oscillation Frequency
FOSC
R=82KΩ
300
500
650
KHz
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.12.16
Http: www.silan.com.cn
Page 2 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com