Electronic Components Datasheet Search
  English  ▼

X  

SC16315 Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC16315
Description  VFD CONTROLLER/DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC16315 Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC16315 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SC16315
The data of each key is stored as illustrated below, and is read with the read command, starting from the least
significant bit.
KEY1
KEY2 KEY1
KEY2 KEY1
KEY2
KEY1
KEY2
Seg1/KS1
Seg2/KS2
Seg3/KS3
Seg4/KS4
Seg5/KS5
Seg6/KS6
Seg7/KS7
Seg8/KS8
Seg9/KS9
Seg10/KS10
Seg11/KS11
Seg12/KS12
Seg13/KS13
Seg14/KS14
Seg15/KS15
Seg16/KS16
Reading sequence
b0 ------- b1
b2 ------- b3
b4-------- b5
b6 -------- b7
3. LED PORT
Data is written to the LED port with command, starting from the least port’s least significant bit. ”L” output when
the bit of this port is 0, and “H” output when the bit is 1. The data of bits after the 5
th bit are ignored.
b3
b2
b1
b0
MSB
LSB
LED1
LED3
LED2
LED4
Don't care
Remark: On power application, all the LED ports are “L” output.
4. COMMANDS
Commands set the display mode and status of the FIP driver.
The first 1 byte input to the SC16315 through the DIN pin after the STB pin has fallen is regarded as a command.
If STB is set high while commands/data are transmitted, serial communication is initialized, and the
commands/data being transmitted are invalid (however, the commands/data previously transmitted remain valid).
(1) Display mode setting commands
These commands initialize the SC16315 and select the number of segments and grids (1/4- to 1/12- duty, 16
segments to 24 segments).
When these commands are executed, the display and key scanning are forcibly turned off. Therefore, in order to
resume display, the display command “ON” must be executed. If the same mode is selected, however, nothing
will happen.
b2
b1
b0
MSB
LSB
00
Display mode settings
0000: 4 digits, 24 segments
0001: 5 digits, 23 segments
0010: 6 digits, 22 segments
0011: 7 digits, 21 segments
0100: 8 digits, 20 segments
0101: 9 digits, 19 segments
0110: 10 digits, 18 segments
0111: 11 digits, 17 segments
Don't care
1xxx: 12 digits, 16 segments
On power application, the 12-digit, 16-segment mode is selected.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.12.16
Http: www.silan.com.cn
Page 6 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com