Electronic Components Datasheet Search
  English  ▼

X  

SC8261G Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC8261G
Description  LI BATTERY PROTECTION CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8261G Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC8261G Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8261G Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8261G Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8261G Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8261G Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8261G Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8261G Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8261G Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC8261G Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SC8261G
HANGZHOU MICROELECTRONICS CO.,LTD
REV:1.3
2008.09.01
Http:// www.silan.com.cn
Page 2 of 10
ABSOLUTE MAXIMUM RATING
Characteristics
Symbol
Value
Unit
Supply Voltage
VDD
VSS-0.3 ~ VSS+12
V
OC Output Pin Voltage
VOC
VDD-15 ~ VDD+0.3
V
OD Output Pin Voltage
VOD
VSS-0.3 ~ VDD+0.3
V
CSI Input Pin Voltage
VCSI
VDD-15 ~ VDD+0.3
V
Operating Temperature Range
TOPR
-40 ~ + 85
°C
Storage Temperature Range
TSTG
-40 ~ +125
°C
ELECTRICAL CHARACTERISTICS (Tamb=25°C, unless otherwise specified)
Characteristics
Symbol
Status
Min.
Typ.
Max.
Unit
Operating Voltage
Operating Voltage
VDD
1.8
8.0
V
Current Consumption
Supply Current
IDD
VDD=3.9V
3.0
6.0
μA
Power Down Current
IPD
VDD=2.0V
0.3
0.6
μA
Detection Voltage
Over Charge Detection Voltage
VOCU
4.255
4.280
4.305
V
Over Charge Release Voltage
VOCR
4.075
4.110
4.145
V
Over Discharge Detection Voltage
VODL
2.90
3.00
3.10
V
Over Discharge Release Voltage
VODR
2.90
3.00
3.10
V
Over Current 1 Detection Voltage
VOI1
0.13
0.15
0.17
V
Over Current 2(Short Current)Detection
Voltage
VOI2
VDD=3.6V
0.80
1.00
1.20
V
Over Current Reset Resistor
Rshort
VDD=3.6V
400
500
600
k
Ω
Charger Detection Voltage
VCH
-0.8
-0.5
-0.2
V
Delay Time
Over Charge Detection Delay Time
TOC
VDD=3.6V~4.4V
150
340
500
ms
Over Discharge Detection Delay Time
TOD
VDD=3.6V~2.0V
80
200
300
ms
Over Current 1 Detection Delay Time
TOI1
VDD=3.6V
5
13
20
ms
Over Current 2(Short Current)Detection
Delay Time
TOI2
VDD=3.6V
5
50
μs
Other
OC Pin Output “H” Voltage
Voh1
VDD-0.1 VDD-0.02
V
OC Pin Output “L” Voltage
Vol1
0.01
0.1
V
OD Pin Output “H” Voltage
Voh2
VDD-0.1 VDD-0.02
V
OD Pin Output “L” Voltage
Vol2
0.01
0.1
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com