Electronic Components Datasheet Search
  English  ▼

X  

SC8261G Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC8261G
Description  LI BATTERY PROTECTION CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8261G Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC8261G Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8261G Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8261G Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8261G Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8261G Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8261G Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8261G Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8261G Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC8261G Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SC8261G
HANGZHOU MICROELECTRONICS CO.,LTD
REV:1.3
2008.09.01
Http:// www.silan.com.cn
Page 4 of 10
Release of Power-down mode
A charger is connected while the battery remains in Power-down mode. If VCH<VCSI<VOI2 and VDD<VODR
occur, M1 is still off but it releases Power-down mode. If VDD>VODR occurs, M1 is to be turned on and back to
normal status.
Charger Detection
If a charger is connected to the battery remained in Power-down mode, the voltages will become VCSI<VCH
and VDD>VODL. M1 is to be turned on and back to normal status.
Abnormal Charging Status
If a charger is connected to the battery in normal status, VCSI<VCH occurs over a delay time longer than TOC,
M2 is to be turned off.
Over Current/Short Current Detection
When the discharging current is too large during discharging under normal status and the voltage detected
from CSI is larger than VOIX (VIO1 or VIO2) for over a certain delay time TOIX (TIO1 or TIO2), it means the over
current/short current status occurred. M1 is turned off. CSI is pulled to VSS by way of an internal resistor RCSIS.
Release of Over Current/Short Current Status
While the protection IC remains in Over Current/Short Current status and load is removed or the impedance
between VBAT+ and VBAT- is larger than 500K
Ω and VCSI<VOI1, M1 is to be turned on and back to normal status.
Note: when a battery is connected to a protection IC for the first time, the IC may not enter the normal status (not
dischargeable status). If this occurs, set the CSI pin voltage equal to the VSS voltage (short the CSI and
VSS pins or connect a charger) to enter the normal status.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com