Electronic Components Datasheet Search
  English  ▼

X  

MA4ST2200 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MA4ST2200
Description  Ultra High Ratio Si Hyperabrupt Varactor Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4ST2200 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MA4ST2200 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4ST2200 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4ST2200 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4ST2200 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4ST2200 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4ST2200 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Ultra High Ratio Si Hyperabrupt Varactor Diode
Rev. V10
MA4ST2000 Series
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.4155721
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Mounting Information
The
illustration
indicates
the
recommended
mounting
pad
configura t io n
for
the
SC-79, SC70 3LD and SOD-323 packages. Solder
paste containing flux should be screened onto the
pads to a thickness of 0.005- 0.007 inches. The
plastic package is placed in position, firmly adhering
to the solder paste.
Permanent attachment is performed by a reflow
soldering
procedure
during
which
the
tab
temperature does not exceed +275
°C and the body
temperature does not exceed +250
°C, for standard
models and +260
°C for the RoHS compliant
devices.
Please refer to Application Note M538 for surface
mounting instructions.
SC-70, 3 Lead (Case Style 1146)
0.030
0.80
0.030
0.80
0.030
0.80
0.075
1.9
0.030
0.80
inches
mm
Dimenstions:
SOD-323 (Case Style 1141)
0.030
0.80
.090
2.2
0.030
0.80
inches
mm
Dimenstions:
0.030
0.80
SC-79 (Case Style 1279)
0.020
0.50
0.053
1.35
inches
mm
Dimenstions:
0.020
0.50
Specifications subject to change without prior notification



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com