Electronic Components Datasheet Search
  English  ▼

X  

MA4ST2200 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA4ST2200
Description  Ultra High Ratio Si Hyperabrupt Varactor Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4ST2200 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4ST2200 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4ST2200 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4ST2200 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4ST2200 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4ST2200 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4ST2200 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Ultra High Ratio Si Hyperabrupt Varactor Diode
Rev. V10
MA4ST2000 Series
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.4155721
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Capacitance Values
MA4ST2200
MAVR-002200-
XXXXXX
MA4ST2300
MAVR-002300-
XXXXX
MAVR-002301-
11410T
MA4ST2400
MAVR-002400-
XXXXXX
MA4ST2500
MAVR-002500-
XXXXXX
MA4ST2600
MAVR-002600-
XXXXXX
Ct (pF)
Ct (pF)
Ct (pF)
0.1
7.643
34.06
60.26
86.48
113.09
0.3
6.746
30.07
53.12
76.34
99.80
0.5
5.948
26.56
46.81
67.36
88.07
1.0
4.006
18.00
31.75
46.09
60.31
1.5
1.895
8.313
15.52
22.83
30.21
2.0
0.985
3.941
7.470
10.05
13.94
VR (V)
Ct (pF)
Ct (pF)
2.5
0.744
2.889
5.407
7.112
9.952
3.0
0.638
2.429
4.512
5.918
8.274
3.5
0.579
2.166
4.000
5.275
7.332
4.0
0.543
1.993
3.663
4.895
6.749
4.5
0.517
1.845
3.370
4.691
6.317
5.0
0.469
1.771
3.200
4.557
6.086
Specifications subject to change without prior notification



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com