Electronic Components Datasheet Search
  English  ▼

X  

XR16M770 Datasheet(PDF) 21 Page - Exar Corporation

Part # XR16M770
Description  1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M770 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XR16M770 Datasheet HTML 17Page - Exar Corporation XR16M770 Datasheet HTML 18Page - Exar Corporation XR16M770 Datasheet HTML 19Page - Exar Corporation XR16M770 Datasheet HTML 20Page - Exar Corporation XR16M770 Datasheet HTML 21Page - Exar Corporation XR16M770 Datasheet HTML 22Page - Exar Corporation XR16M770 Datasheet HTML 23Page - Exar Corporation XR16M770 Datasheet HTML 24Page - Exar Corporation XR16M770 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
XR16M770
21
REV. 1.0.0
1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
an interrupt is pending from any channel. The M770 will stay in the sleep mode of operation until it is disabled
by setting IER bit-4 to a logic 0.
A word of caution: owing to the starting up delay of the crystal oscillator after waking up from sleep mode, the
first few receive characters may be lost. Also, make sure the RX pin is idling HIGH or “marking” condition
during sleep mode. This may not occur when the external interface transceivers (RS-232, RS-485 or another
type) are also put to sleep mode and cannot maintain the “marking” condition. To avoid this, the system design
engineer can use a 47k ohm pull-up resistor on each of the RX input.
2.17.2
Power-Save Feature
If the address lines, data bus lines, IOW#, IOR#, CS# and modem input lines remain steady when the M770 is
in sleep mode, the maximum current will be in the microamp range as specified in the DC Electrical
Characteristics on page 43. If the input lines are floating or are toggling while the M770 is in sleep mode, the
current can be up to 100 times more. If not using the Power-Save feature, an external buffer would be required
to keep the address and data bus lines from toggling or floating to achieve the low current. But if the Power-
Save feature is enabled (PwrSave pin connected to VCC), this will eliminate the need for an external buffer by
internally isolating the address, data and control signals (see Figure 1 on page 1) from other bus activities that
could cause wasteful power drain. The M770 enters Power-Save mode when this pin is connected to VCC and
the M770 is in sleep mode (see Sleep Mode section above).
Since Power-Save mode isolates the address, data and control signals, the device will wake-up only by:
■ a receive data start bit transition (HIGH to LOW) at the RX input or
■ a change of logic state on the modem or general purpose serial input CTS#, DSR#, CD#, RI#
The M770 will return to the Power-Save mode automatically after a read to the MSR (to reset the modem input
CTS#) and all interrupting conditions have been serviced and cleared. The M770 will stay in the Power-Save
mode of operation until it is disabled by setting IER bit-4 to a logic 0 and/or the Power-Save pin is connected to
GND.
2.17.3
Wake-up Interrupt
The M770 has the wake up interrupt. By setting the FCR bit-3, wake up interrupt is enabled or disabled. The
default status of wake up interrupt is disabled. Please See ”Section 4.5, FIFO Control Register (FCR) -
Write-Only” on page 29.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com