Electronic Components Datasheet Search
  English  ▼

X  

XR16M770 Datasheet(PDF) 9 Page - Exar Corporation

Part # XR16M770
Description  1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M770 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR16M770 Datasheet HTML 5Page - Exar Corporation XR16M770 Datasheet HTML 6Page - Exar Corporation XR16M770 Datasheet HTML 7Page - Exar Corporation XR16M770 Datasheet HTML 8Page - Exar Corporation XR16M770 Datasheet HTML 9Page - Exar Corporation XR16M770 Datasheet HTML 10Page - Exar Corporation XR16M770 Datasheet HTML 11Page - Exar Corporation XR16M770 Datasheet HTML 12Page - Exar Corporation XR16M770 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
XR16M770
9
REV. 1.0.0
1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
2.3
Device Reset
The RESET input resets the internal registers and the serial interface outputs to their default state (see
Table 18). An active high pulse of longer than 40 ns duration will be required to activate the reset function in
the device. Following a power-on reset or an external reset, the M770 is software compatible with previous
generation of UARTs, XR16L570 and ST16C550.
2.4
Internal Registers
The M770 has a set of 16550 compatible registers for controlling, monitoring and data loading and unloading.
These registers function as data holding registers (THR/RHR), interrupt status and control registers (ISR/IER),
a FIFO control register (FCR), receive line status and control registers (LSR/LCR), modem status and control
registers (MSR/MCR), programmable data rate (clock) divisor registers (DLL/DLM/DLD), and a user accessible
scratchpad register (SPR).
Beyond the general 16C550 features and capabilities, the M770 offers enhanced feature registers (EFR, Xon1/
Xoff 1, Xon2/Xoff 2, DLD, FCTR, EMSR, FC and TRIG) that provide automatic RTS and CTS hardware flow
control, automatic Xon/Xoff software flow control, 9-bit (Multidrop) mode, auto RS-485 half duplex control,
different baud rate for TX and RX and fractional baud rate generator. All the register functions are discussed in
full detail later in “Section 3.0, UART INTERNAL REGISTERS” on page 23.
2.5
INT Ouput
The interrupt outputs change according to the operating mode and enhanced features setup. Table 1 and 2
summarize the operating behavior for the transmitter and receiver. Also see Figure 19 through 22.
TABLE 1: INT PIN OPERATION FOR TRANSMITTER
FCR BIT-0 = 0 (FIFO DISABLED)
FCR BIT-0 = 1 (FIFO ENABLED)
INT Pin
LOW = One byte in THR
HIGH = THR empty
LOW = FIFO above trigger level
HIGH = FIFO below trigger level or FIFO empty
TABLE 2: INT PIN OPERATION FOR RECEIVER
FCR BIT-0 = 0 (FIFO DISABLED)
FCR BIT-0 = 1 (FIFO ENABLED)
INT Pin
HIGH = One byte in RHR
LOW = RHR empty
LOW = FIFO below trigger level
HIGH = FIFO above trigger level or RX Data Timeout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com