Electronic Components Datasheet Search
  English  ▼

X  

SN8P2610 Datasheet(PDF) 13 Page - SONiX Technology Company

Part # SN8P2610
Description  8-Bit Micro-Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P2610 Datasheet(HTML) 13 Page - SONiX Technology Company

Back Button SN8P2610 Datasheet HTML 9Page - SONiX Technology Company SN8P2610 Datasheet HTML 10Page - SONiX Technology Company SN8P2610 Datasheet HTML 11Page - SONiX Technology Company SN8P2610 Datasheet HTML 12Page - SONiX Technology Company SN8P2610 Datasheet HTML 13Page - SONiX Technology Company SN8P2610 Datasheet HTML 14Page - SONiX Technology Company SN8P2610 Datasheet HTML 15Page - SONiX Technology Company SN8P2610 Datasheet HTML 16Page - SONiX Technology Company SN8P2610 Datasheet HTML 17Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
SN8P2610 Series
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 13
Version 1.3
2
2
2 CENTRAL PROCESSOR UNIT (CPU)
2.1 MEMORY MAP
2.1.1 PROGRAM MEMORY (ROM)
2K words ROM
ROM
0000H
Reset vector
User reset vector
Jump to user start address
0001H
.
.
0007H
General purpose area
0008H
Interrupt vector
User interrupt vector
0009H
User program
.
.
000FH
0010H
0011H
.
.
.
.
.
07FCH
General purpose area
End of user program
07FDH
07FEH
07FFH
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com