Electronic Components Datasheet Search
  English  ▼

X  

SN8P2610 Datasheet(PDF) 2 Page - SONiX Technology Company

Part # SN8P2610
Description  8-Bit Micro-Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P2610 Datasheet(HTML) 2 Page - SONiX Technology Company

  SN8P2610 Datasheet HTML 1Page - SONiX Technology Company SN8P2610 Datasheet HTML 2Page - SONiX Technology Company SN8P2610 Datasheet HTML 3Page - SONiX Technology Company SN8P2610 Datasheet HTML 4Page - SONiX Technology Company SN8P2610 Datasheet HTML 5Page - SONiX Technology Company SN8P2610 Datasheet HTML 6Page - SONiX Technology Company SN8P2610 Datasheet HTML 7Page - SONiX Technology Company SN8P2610 Datasheet HTML 8Page - SONiX Technology Company SN8P2610 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 102 page
background image
SN8P2610 Series
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 2
Version 1.3
AMENDMENT HISTORY
Version
Date
Description
VER 0.1
Jan. 2005
First issue
Jun. 2005
1. Add SN8P2611 item.
2. Add SN8P2611 programming pin mapping for Writer connection.
3. Add P-DIP 14 pins and SOP 14 pins package outline diagram.
Aug. 2005
1.
Remove Writer V2.5 information.
2.
ADD P92 Note. Use M2IDE V1.06 (or after version) to simulation.
3.
ADD P92 Note. Use 16M Hz Crystal to simulation internal 16M RC.
4.
ADD P92 Note. Use 16M Hz Crystal to programming with EZ-Writer.
5.
Modify P89 Internal Hihg RC.
VER 0.2
Nov.2005
1. ADD Brown-Out reset circuit.
2. Working Voltage vs. Frequency graphs.
VER 1.0
Nov. 2005
1.
Modify Topr value.
2.
ADD IHRC curve.
VER 1.1
Dec 2005
1.
Modify T0 RTC interrupt service routine and T0IRQ operation description.
2.
Modify Brown-Out Reset description
3.
Remove power consumption(Pc)
4.
Remove Noise Filter Enable Working Voltage
5.
Modify PIN DESCRIPTIONS(P1 wakeup function)
6.
Modify IHRC_RTC code option description
7.
Remove High clock 32K mode
8.
Modify M2IDE 1.07
9.
Add Fcpu limitation by noise filter.
10. Modify ELECTRICAL CHARACTERISTIC.
11. Remove RTC function.
VER 1.2
May 2005
1.
Modify Programming Pin Mapping
VER 1.3
Feb 2007
1.
Add Marking Definition.
2.
Modify ELECTRICAL CHARACTERISTIC.
3.
Modify RST/P1.5/VPP PIN DISCRIPTION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com