Electronic Components Datasheet Search
  English  ▼

X  

SP9718 Datasheet(PDF) 1 Page - Stanson Technology

Part # SP9718
Description  1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

SP9718 Datasheet(HTML) 1 Page - Stanson Technology

  SP9718 Datasheet HTML 1Page - Stanson Technology SP9718 Datasheet HTML 2Page - Stanson Technology SP9718 Datasheet HTML 3Page - Stanson Technology SP9718 Datasheet HTML 4Page - Stanson Technology SP9718 Datasheet HTML 5Page - Stanson Technology SP9718 Datasheet HTML 6Page - Stanson Technology SP9718 Datasheet HTML 7Page - Stanson Technology SP9718 Datasheet HTML 8Page - Stanson Technology SP9718 Datasheet HTML 9Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2007/12/20
Ver.1
Page 1
SP9718
1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
DESCRIPTION
APPLICATIONS
The SP9718 is low-noise pulse-width-modulated,
DC-DC step-down converter. It powers logic and
transmitters in small wireless systems such as
cellular phones, communicating PDAs, and
handy-terminals. The device features an internal
synchronous rectifier for high efficiency; it requires
no external Schottky diode. Excellent noise
characteristics
and
fixed-frequency
operation
provide easy post-filtering. The SP9718 is ideally
suited for Li-Ion battery applications. It is also
useful for +3V or +5V fixed input applications.
The device operates in one of four modes. Forced
PWM mode operates at a fixed frequency
regardless of the load. Shutdown mode places the
device in standby, reducing quiescent supply
current to under 0.1μA.
The SP9718 can deliver over 1.5A. The output
voltage can be adjusted from VREF to VIN. The
input range is from 2.0V to 5.0V. Other features of
the SP9718 include high efficiency, low dropout
voltage. It is available in a space-saving 8-pin SOP
package.
• Cellular Phone
• Cordless Phone
• PDAs and Handy-Terminals
• CPU I/O Supplies
• Notebook Chipset Supplies
• Battery Operated Devices
• ADSL
FEATURES
PIN CONFIGURATION ( SOP-8 Power Pad )
PART MARKING
• 1.2MHz switching and synchronization
• Dynamic output-voltage adjustment from
VREF to VIN
• 1.5A Guaranteed Output Current
• 95% Efficiency
• No Schottky Diode Required
• External Soft Start
•
8-pin PSOP power packages


Similar Part No. - SP9718

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP9718 SYNC-POWER-SP9718 Datasheet
244Kb / 9P
1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
More results

Similar Description - SP9718

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1692 MAXIM-MAX1692 Datasheet
150Kb / 12P
Low-Noise, 5.5V-Input, PWM Step-Down Regulator
Rev 0; 11/98
logo
List of Unclassifed Man...
CM3718 ETC-CM3718 Datasheet
361Kb / 10P
1.5A LOW NOISE PWM STEP DOWN REGULATOR
CM3708 ETC-CM3708 Datasheet
165Kb / 6P
3A LOOW NOISE PWM STEP DOWN REGULATOR
logo
Microsemi Corporation
LX1911 MICROSEMI-LX1911 Datasheet
152Kb / 7P
1.5A, 1.1MHZ PWM Step-Down Regulator
logo
Advanced Analogic Techn...
AAT2158 ANALOGICTECH-AAT2158 Datasheet
706Kb / 18P
1.5A Low Noise Step-Down Converter
AAT2158 ANALOGICTECH-AAT2158_08 Datasheet
756Kb / 16P
1.5A Low Noise Step-Down Converter
AAT2158_0810 ANALOGICTECH-AAT2158_0810 Datasheet
1Mb / 17P
1.5A Low Noise Step-Down Converter
logo
SYNC POWER Crop.
SP9718 SYNC-POWER-SP9718 Datasheet
244Kb / 9P
1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Champion Microelectroni...
CM3708A CHAMP-CM3708A Datasheet
237Kb / 6P
3A LOW-NOISE PWM STEP-DOWN REGULATOR
CM3718 CHAMP-CM3718 Datasheet
349Kb / 10P
1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com