Electronic Components Datasheet Search
  English  ▼

X  

SP9718 Datasheet(PDF) 2 Page - Stanson Technology

Part # SP9718
Description  1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

SP9718 Datasheet(HTML) 2 Page - Stanson Technology

  SP9718 Datasheet HTML 1Page - Stanson Technology SP9718 Datasheet HTML 2Page - Stanson Technology SP9718 Datasheet HTML 3Page - Stanson Technology SP9718 Datasheet HTML 4Page - Stanson Technology SP9718 Datasheet HTML 5Page - Stanson Technology SP9718 Datasheet HTML 6Page - Stanson Technology SP9718 Datasheet HTML 7Page - Stanson Technology SP9718 Datasheet HTML 8Page - Stanson Technology SP9718 Datasheet HTML 9Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2007/12/20
Ver.1
Page 2
SP9718
1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
TYPICAL APPLCATION CIRCUIT
PIN DESCRIPTION & ELECTRICAL CHARACTERISTICS
Operating Rating
Pin
Symbol
Description
Min.
Typ.
Max.
Unit
1
VIN
Voltage supply for internal circuits
2
2.5
5.5
V
2
GND
Ground for internal reference voltage divider
Shutdown level
0.75 x VIN
VIN + 0.3
3
SD
CMOS input level
Enable level
0
2.0
V
4
VREF
VOUT Set Voltage
1.1
VIN
V
5
VFB
Feedback node for the VOUT
VREF
V
6
PGND
Ground for output power transistors
7
LX
Inductor connection to the Drains of the internal
power MOSFETs
5.5
V
8
PVIN
Voltage supply for output power transistors
2
2.5
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com