Electronic Components Datasheet Search
  English  ▼

X  

MAALSS0025 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAALSS0025
Description  High Dynamic Range Low Noise Amplifier 400 - 500 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAALSS0025 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAALSS0025 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAALSS0025 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAALSS0025 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAALSS0025 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
High Dynamic Range Low Noise Amplifier
400 - 500 MHz
Rev. V1
MAALSS0025
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = +25°C, Z0 = 50 Ω, F = 450 MHz, Pin = -30 dBm
Parameter
Test Conditions
Units
Min
Typ
Max
Gain
5 V, 60 mA
6
dB
19
21
24
Noise Figure
5 V, 60 mA
6
dB
—
0.9
1.4
Input Return Loss
—
dB
—
9
—
Output Return Loss
—
dB
—
11
—
Output
1 dB Compression
5 V, 60 mA
3
dBm
—
16.5
—
Output IP3
5 V, 60 mA
3
dBm
—
28
—
Input IP3
5 V, 60 mA
3
dBm
3
7
—
Reverse Isolation
—
dB
—
34
—
6. Using external 15-ohm resistor. See functional schematic.
External Circuitry Parts List
Part
Value
Purpose
C1
100 pF
DC Block
C2
8 pF
Input Matching
C3
470 pF
Bypass
C4
4 pF
Output Matching
L1
22 nH
Input Matching
L2
43 nH
Input Matching
L3
12 nH
RF Choke
L4
11 nH
Output Matching
R1
15 Ohms
Optional current control
7
(see note 6)
7. Pin 2 allows use of an external resistor to ground for
optional, higher current. For 20 mA operation, no resistor is
used.
For IDD ~ 40 mA, R2 = 43 ohms;
IDD ~ 60 mA, R2 = 15 ohms;
IDD ~ 80 mA, R2 = 10 ohms.
Functional Schematic
IN
C1
OUT
L1
C2
L2
R1
(See
note 6)
L3
VDD
C3
L4
C4
3
2
7
6
1,4,5,8
Handling Procedures
The following precautions should be observed to
avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com