Electronic Components Datasheet Search
  English  ▼

X  

MAALSS0025 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAALSS0025
Description  High Dynamic Range Low Noise Amplifier 400 - 500 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAALSS0025 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAALSS0025 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAALSS0025 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAALSS0025 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAALSS0025 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
High Dynamic Range Low Noise Amplifier
400 - 500 MHz
Rev. V1
MAALSS0025
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves over Temperature
Gain
Input Return Loss
Reverse Isolation
Output Return Loss
Noise Figure
Output IP3
15
17
19
21
23
400
420
440
460
480
500
+25°C
-40°C
+85°C
Frequency (MHz)
-50
-40
-30
-20
-10
0
400
420
440
460
480
500
+25°C
-40°C
+85°C
Frequency (MHz)
-15
-12
-9
-6
-3
0
400
420
440
460
480
500
+25°C
-40°C
+85°C
Frequency (MHz)
-15
-12
-9
-6
-3
0
400
420
440
460
480
500
+25°C
-40°C
+85°C
Frequency (MHz)
0.0
0.4
0.8
1.2
1.6
2.0
400
420
440
460
480
500
+25°C
-40°C
+85°C
Frequency (MHz)
15
20
25
30
35
400
420
440
460
480
500
+25°C
-40°C
+85°C
Frequency (MHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com