Electronic Components Datasheet Search
  English  ▼

X  

STC4516 Datasheet(PDF) 1 Page - Stanson Technology

Part # STC4516
Description  Complementary Dual Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STC4516 Datasheet(HTML) 1 Page - Stanson Technology

  STC4516 Datasheet HTML 1Page - Stanson Technology STC4516 Datasheet HTML 2Page - Stanson Technology STC4516 Datasheet HTML 3Page - Stanson Technology STC4516 Datasheet HTML 4Page - Stanson Technology STC4516 Datasheet HTML 5Page - Stanson Technology STC4516 Datasheet HTML 6Page - Stanson Technology STC4516 Datasheet HTML 7Page - Stanson Technology STC4516 Datasheet HTML 8Page - Stanson Technology STC4516 Datasheet HTML 9Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STC4516
Complementary Dual Enhancement Mode MOSFET
8.5A for N Channel / -7.2A for P Channl
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stansontech.com
DESCRIPTION
STC4516 is the complementary enhancement mode power field effect transistor using
high cell density, DMOS trench technology. This high density process is especially
tailored to minimize on-state resistance.
PIN CONFIGURATION
FEATURE
P Channel
-30V/-7.2A, R
DS(ON)
= 22m-ohm (Typ.)
@VGS =-10V
-30V/-5.6A, RDS(ON) = 40m-ohm
@VGS =-4.5V
N Channel
30V/8.5A, R
DS(ON)
= 10m-ohm
@VGS =10V
30V/7.8A, R
DS(ON)
= 16m-ohm
@VGS =4.5V
Super high density cell design for extremely
low RDS(ON)
SOP-8 package design
SOP-8
Top View
8
7
6
5
D1
D1
D2
D2
ORDERING INFORMATION
1
2
3
4
S1
G1
S2
G2
STC5416
YA
N-Channel MOSFET
P-Channel MOSFET
Y: Year Code
A: Process Code
Part Number
Package
Part Marking
STC4516S8RG
SOP-8
STC4516
STC4516S8TG
SOP-8
STC4516
※
Process Code : A ~ Z ; a ~ z
※
STC4516S8RG
S8 : SOP-8 ; R : Tape Reel ; G : Pb – Free
※
STC4516S8TG
S8 : SOP-8 ; T : Tube ; G : Pb – Free
STC4516 2008 V1


Similar Part No. - STC4516

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STC4539 STANSON-STC4539 Datasheet
454Kb / 10P
N&P Pair Enhancement Mode MOSFET
STC4539S8RG STANSON-STC4539S8RG Datasheet
454Kb / 10P
N&P Pair Enhancement Mode MOSFET
STC4539S8TG STANSON-STC4539S8TG Datasheet
454Kb / 10P
N&P Pair Enhancement Mode MOSFET
STC4567 STANSON-STC4567 Datasheet
650Kb / 8P
N&P Pair Enhancement Mode MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STC4567 DOINGTER-STC4567 Datasheet
2Mb / 5P
N-Chanel and P-Channel MOSFET use advanced trench technology
More results

Similar Description - STC4516

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMC3F31DN8 ZETEX-ZXMC3F31DN8 Datasheet
351Kb / 11P
30V SO8 Complementary dual enhancement mode MOSFET
logo
Diodes Incorporated
DMC3028LSD DIODES-DMC3028LSD Datasheet
351Kb / 11P
30V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
ZXMC10A816N8 DIODES-ZXMC10A816N8 Datasheet
188Kb / 11P
100V SO8 Complementary Dual enhancement mode MOSFET
DMC4028SSD DIODES-DMC4028SSD Datasheet
753Kb / 11P
40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
D35041 Rev: 1 - 2
DMC3028LSD DIODES-DMC3028LSD_15 Datasheet
351Kb / 11P
30V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
Rev 4
DMC4028SSD DIODES-DMC4028SSD_15 Datasheet
312Kb / 11P
40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
Rev 2
logo
Central Semiconductor C...
CMLDM3757 CENTRAL-CMLDM3757_15 Datasheet
1Mb / 5P
ENHANCEMENT-MODE COMPLEMENTARY MOSFET
CMLDM7585 CENTRAL-CMLDM7585_15 Datasheet
1Mb / 5P
ENHANCEMENT-MODE COMPLEMENTARY MOSFET
logo
Diodes Incorporated
ZXMC3F31DN8 DIODES-ZXMC3F31DN8_15 Datasheet
332Kb / 11P
30V SO8 Complementary dual enhancement mode MOSFET
SEPTEMBER 2008
logo
Unisonic Technologies
UTT2N10 UTC-UTT2N10 Datasheet
200Kb / 3P
COMPLEMENTARY ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com