Electronic Components Datasheet Search
  English  ▼

X  

FDMS7656AS Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDMS7656AS
Description  N-Channel PowerTrench짰 SyncFET??30 V, 49 A, 1.8 m廓
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS7656AS Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDMS7656AS Datasheet HTML 1Page - Fairchild Semiconductor FDMS7656AS Datasheet HTML 2Page - Fairchild Semiconductor FDMS7656AS Datasheet HTML 3Page - Fairchild Semiconductor FDMS7656AS Datasheet HTML 4Page - Fairchild Semiconductor FDMS7656AS Datasheet HTML 5Page - Fairchild Semiconductor FDMS7656AS Datasheet HTML 6Page - Fairchild Semiconductor FDMS7656AS Datasheet HTML 7Page - Fairchild Semiconductor FDMS7656AS Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FDMS7656AS Rev.C
www.fairchildsemi.com
6
0
5
10
15
20
25
30
10
-5
10
-4
10
-3
10
-2
TJ = 125 oC
TJ = 100 oC
TJ = 25 oC
V
DS, REVERSE VOLTAGE (V)
Typical Characteristics (continued)
SyncFET Schottky body diode
Characteristics
Fairchild’s SyncFET process embeds a Schottky diode in parallel
with
PowerTrench
MoSFET.
This
diode
exhibits
similar
characteristics to a discrete external Schottky diode in parallel
with a MOSFET. Figure 14 shows the reverses recovery
characteristic of the FDMS7656AS.
Schottky barrier diodes exhibit significant leakage at high tem-
perature and high reverse voltage. This will increase the power
in the device.
Figure 14. FDMS7656AS SyncFET body
diode reverse recovery characteristic
0
50
100
150
200
250
-5
0
5
10
15
20
25
30
30
di/dt = 300 A/µs
TIME (ns)
Figure 15. SyncFET body diode reverses
leakage versus drain-source voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com