Electronic Components Datasheet Search
  English  ▼

X  

FDMS7656AS Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDMS7656AS
Description  N-Channel PowerTrench짰 SyncFET??30 V, 49 A, 1.8 m廓
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS7656AS Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDMS7656AS Datasheet HTML 1Page - Fairchild Semiconductor FDMS7656AS Datasheet HTML 2Page - Fairchild Semiconductor FDMS7656AS Datasheet HTML 3Page - Fairchild Semiconductor FDMS7656AS Datasheet HTML 4Page - Fairchild Semiconductor FDMS7656AS Datasheet HTML 5Page - Fairchild Semiconductor FDMS7656AS Datasheet HTML 6Page - Fairchild Semiconductor FDMS7656AS Datasheet HTML 7Page - Fairchild Semiconductor FDMS7656AS Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
September 2009
©2009 Fairchild Semiconductor Corporation
FDMS7656AS Rev.C
www.fairchildsemi.com
1
FDMS7656AS
N-Channel PowerTrench® SyncFET™
30 V, 49 A, 1.8 m
Ω
Features
Max rDS(on) = 1.8 mΩ at VGS = 10 V, ID = 30 A
Max rDS(on) = 1.9 mΩ at VGS = 7 V, ID = 27 A
Advanced Package and Silicon combination for low rDS(on)
and high efficiency
SyncFET Schottky Body Diode
MSL1 robust package design
100% UIL tested
RoHS Compliant
General Description
The FDMS7656AS has been designed to minimize losses in
power conversion application. Advancements in both silicon and
package technologies have been combined to offer the lowest
rDS(on) while maintaining excellent switching performance. This
device has the added benefit of an efficient monolithic Schottky
body diode.
Applications
Synchronous Rectifier for DC/DC Converters
Notebook Vcore/ GPU low side switch
Networking Point of Load low side switch
Telecom secondary side rectification
4
3
2
1
5
6
7
8
D
D
D
D
S
S
S
G
D
D
D
D
G
S
S
S
Pin 1
Bottom
Top
MOSFET Maximum Ratings T
A = 25 °C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
30
V
VGS
Gate to Source Voltage
(Note 4)
±20
V
ID
Drain Current -Continuous (Package limited)
TC = 25 °C
49
A
-Continuous (Silicon limited)
TC = 25 °C
194
-Continuous
TA = 25 °C
(Note 1a)
31
-Pulsed
180
dv/dt
MOSFET dv/dt
1.3
V/ns
EAS
Single Pulse Avalanche Energy
(Note 3)
242
mJ
PD
Power Dissipation
TC = 25 °C
96
W
Power Dissipation
TA = 25 °C
(Note 1a)
2.5
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
1.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
50
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDMS7656AS
FDMS7656AS
Power 56
13 ’’
12 mm
3000 units


Similar Part No. - FDMS7656AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS7650 FAIRCHILD-FDMS7650 Datasheet
291Kb / 7P
N-Channel PowerTrench짰 MOSFET 30 V, 60 A, 0.99 m廓
FDMS7650 FAIRCHILD-FDMS7650 Datasheet
248Kb / 7P
N-Channel PowerTrench짰 MOSFET 30 V, 100 A, 0.99 m廓
FDMS7650DC FAIRCHILD-FDMS7650DC Datasheet
252Kb / 8P
N-Channel Dual CoolTM PowerTrench짰 MOSFET 30 V, 100 A, 0.99 m廓
FDMS7650DC FAIRCHILD-FDMS7650DC Datasheet
1Mb / 2P
DUAL COOL??PACKAGE POWERTRENCH짰 MOSFETs
FDMS7650 FAIRCHILD-FDMS7650_12 Datasheet
248Kb / 7P
N-Channel PowerTrench짰 MOSFET 30 V, 100 A, 0.99 m廓
More results

Similar Description - FDMS7656AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS8848NZ FAIRCHILD-FDMS8848NZ Datasheet
295Kb / 7P
N-Channel PowerTrench짰 MOSFET 40 V, 49 A, 3.1 m廓
FDMS7658AS FAIRCHILD-FDMS7658AS Datasheet
476Kb / 8P
N-Channel PowerTrench짰 SyncFETTM 30 V, 49 A, 1.9 m廓
FDMS7660AS FAIRCHILD-FDMS7660AS Datasheet
483Kb / 8P
N-Channel PowerTrench짰 SyncFET 30 V, 42 A, 2.4 m廓
FDMS7670AS FAIRCHILD-FDMS7670AS Datasheet
486Kb / 8P
N-Channel PowerTrench짰 SyncFET 30 V, 42 A, 3 m廓
FDMS7672AS FAIRCHILD-FDMS7672AS Datasheet
488Kb / 8P
N-Channel PowerTrench짰 SyncFET 30 V, 42 A, 4 m廓
FDMS3008SDC FAIRCHILD-FDMS3008SDC Datasheet
348Kb / 9P
N-Channel Dual CoolTM PowerTrench짰 SyncFETTM 30 V, 49 A, 2.6 m廓
FDMS7560S FAIRCHILD-FDMS7560S Datasheet
469Kb / 8P
N-Channel PowerTrench짰 SyncFETTM 25 V, 49 A, 1.45 m廓
FDMS8018 FAIRCHILD-FDMS8018 Datasheet
318Kb / 7P
N-Channel PowerTrench짰 MOSFET 30 V, 120 A, 1.8 m廓
FDMS8023S FAIRCHILD-FDMS8023S Datasheet
265Kb / 8P
N-Channel PowerTrench짰 SyncFETTM 30 V, 49 A, 2.4 m廓
FDMS86103L FAIRCHILD-FDMS86103L Datasheet
279Kb / 7P
N-Channel PowerTrench짰 MOSFET 100 V, 49 A, 8 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com