Electronic Components Datasheet Search
  English  ▼

X  

SMB110 Datasheet(PDF) 15 Page - Summit Microelectronics, Inc.

Part # SMB110
Description  Five Channel Programmable DC-DC System Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB110 Datasheet(HTML) 15 Page - Summit Microelectronics, Inc.

Back Button SMB110 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 19Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
SMB110
Preliminary Information
Summit Microelectronics, Inc
2099 2.3 3/1/2005
15
AC OPERATING CHARACTERISTICS (CONTINUED)
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Inverting Output Block Channel 0
tRH
HS Driver output rise time
CG=100pF, VBATT=4.2V
10
ns
tFH
HS Driver output fall time
CG=100pF, VBATT=4.2V
10
ns
Boost Output Block Channel 1
tRL
LS Driver output rise time
CG=100pF, VBATT=4.2V
10
ns
tFL
LS Driver output fall time
CG=100pF, VBATT=4.2V
10
ns
Buck Output Block Channels 2 and 3
tRL
LS Driver output rise time
CG=100pF, VBATT=4.2V
10
ns
tFL
LS Driver output fall time
CG=100pF, VBATT=4.2V
10
ns
tRH
HS Driver output rise time
CG=100pF, VBATT=4.2V
15
ns
tFH
HS Driver output fall time
CG=100pF, VBATT=4.2V
5
ns
High to low transition on HSDRV
20
tDT
Driver non-overlap delay
Low to high transition on buck HSDRV
10
ns
V
REF_OUT -.95(1+R2/R1)
V
REF_OUT - (1+R2/R1)
% n= 1,2,3,4
Ch 0 P
UVTH = -100n
1 -
3. The minimum load for the Inverting Boost-Buck channel is defined by the following equation: where VO = Programmed output voltage, VIN =P-
Channel MOSFET source voltage, L = inductance, Vd = forward diode drop (0.6V silicon, 0.3V Schottky). Lesser values may exist
4. The minimum load for Boost channels is defined by the following equation: where VO = Programmed output voltage, VIN =P-Channel MOSFET
source voltage, L = inductance, and Vd = forward diode drop (0.6V silicon, 0.3V Schottky. Lesser values may exist
6. The Channel 0 programmable over voltage setting is calculated from the following formula: where VREF_OUT is the voltage o the VREF_OUT pin
and R1 and R2 are the upper and lower resistors in the external voltage divider, n corresponds to the available user programmable settings
5. The Channel 0 programmable under voltage setting is calculated from the following formula: where VREF_OUT is the voltage o the VREF_OUT
pin and R1 and R2 are the upper and lower resistors in the external voltage divider, n corresponds to the available user programmable settings
V
REF_OUT -.95(1+R2/R1)
V
REF_OUT - (1+R2/R1)
% n= 1,2,3,4
Ch 0 P
OVTH = 100n
1 -
2*L*Vout *(Vout - Vd)
Rmax =
VIN2*1.25E-8
2*L*Vout*(Vout - VIN + Vd)
VIN2*1.25E-8
Rmax =
1. The total current drawn when all supplies are switching will not equal the sum of the buck, boost, and inverting buck-boost channels current
consumption when switching independently. This is due to current overhead to commence sequencing.
2. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com