Electronic Components Datasheet Search
  English  ▼

X  

SMB110 Datasheet(PDF) 34 Page - Summit Microelectronics, Inc.

Part # SMB110
Description  Five Channel Programmable DC-DC System Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB110 Datasheet(HTML) 34 Page - Summit Microelectronics, Inc.

Back Button SMB110 Datasheet HTML 26Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 27Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 28Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 29Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 30Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 31Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 32Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 33Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 34Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
SMB110
Preliminary Information
Summit Microelectronics, Inc
2099 2.3 3/1/2005
34
SUMMIT
SMB110N
AYYWW
Pin 1
Annn
Summit
Part Number
Date Code (YYWW)
Part Number suffix
(Contains Customer specific
ordering requirements)
Lot tracking code (Summit use)
Drawing not
to scale
xx
Status Tracking Code
(Blank, MS, ES, 01, 02,...)
(Summit Use)
Product Tracking Code (Summit use)
L
100% Sn, RoHS compliant, Green
NOTICE
NOTE 1 - This is a Preliminary Information data sheet that describes a Summit product currently in pre-production with limited
characterization.
SUMMIT Microelectronics, Inc. reserves the right to make changes to the products contained in this publication in order to improve
design, performance or reliability. SUMMIT Microelectronics, Inc. assumes no responsibility for the use of any circuits described
herein, conveys no license under any patent or other right, and makes no representation that the circuits are free of patent
infringement. Charts and schedules contained herein reflect representative operating parameters, and may vary depending upon a
user’s specific application. While the information in this publication has been carefully checked, SUMMIT Microelectronics, Inc. shall
not be liable for any damages arising as a result of any error or omission.
SUMMIT Microelectronics, Inc. does not recommend the use of any of its products in life support or aviation applications where the
failure or malfunction of the product can reasonably be expected to cause any failure of either system or to significantly affect their
safety or effectiveness. Products are not authorized for use in such applications unless SUMMIT Microelectronics, Inc. receives
written assurances, to its satisfaction, that: (a) the risk of injury or damage has been minimized; (b) the user assumes all such risks;
and (c) potential liability of SUMMIT Microelectronics, Inc. is adequately protected under the circumstances.
Revision 2.2 - This document supersedes all previous versions. Please check the Summit Microelectronics Inc. web site at
http://www.summitmicro.com for data sheet updates.
© Copyright 2005 SUMMIT MICROELECTRONICS, Inc. PROGRAMMABLE ANALOG FOR A DIGITAL WORLD™
ADOC
TM is a registered trademarks of Summit Microelectronics Inc., I2C is a trademark of Philips Corporation.
ORDERING INFORMATION
PART MARKING
SMB110 N
Package
N = 32 Pad QFN
Summit
Part
Number
Specific requirements are contained in the suffix
nnn
Part Number Suffix
L
L = 100% Sn, RoHS compliant, Green
Blank = 85% Sn, 15% Pb
C
C = Commercial
Temperature Range
Solder Composition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com