Electronic Components Datasheet Search
  English  ▼

X  

SMB139 Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

Part # SMB139
Description  Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB139 Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMB139 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
SMB139
Summit Microelectronics, Inc
2121 3.0 6/19/2008
11
EN (ENABLE)
EN is a logic input pin for enabling/disabling the device
and/or restarting a charge cycle. The EN pin can be
configured for different polarity (logic high or logic low).
When the EN is at the correct state, the charger is
enabled for normal operation. When the EN is at the
wrong state, the charger is disabled. A programmable
option also exists that allows the user to initiate battery
charging only when an I
2C command has been issued.
Automatic Battery Recharge
The SMB139 allows the battery to be automatically
recharged (topped off) when the battery voltage falls by
a value of VRECH (125mV typical) below the
programmed float voltage. Provided that the input
power supply is still present, charging remains enabled
(ENABLE input or I
2C command) and all the pre-
qualification parameters are still met, a new charging
cycle will be initiated. This ensures that the battery
capacity remains high, without the need to manually re-
start a charging cycle. The automatic battery recharging
can be disabled if not required by the application
(Register 03h).
Safety Timers
The integrated safety timers provide protection in case
of a defective battery pack. The pre-charge timer starts
after the pre-qualification check is completed and
resets when the transition to the constant current mode
happens. At that point, the fast charge timer is initiated.
The fast charge timer expires and charge cycle is
terminated if the termination current level is not reached
within the pre-determined duration. Each safety timer
has three programmable timeout periods, which
eliminates the need for external timing capacitors and
allows for maximum design flexibility. In addition, each
timer can be disabled by the appropriate bit selection in
Register 05h.
Thermal Monitor
A temperature sensing I/O (THERM) is provided to
prevent
excessive
battery
temperatures
during
charging. The battery temperature is measured by
sensing the voltage between the THERM pin and
ground. The voltage is created by injecting a current
into the parallel combination of Negative Temperature
Coefficient (NTC) thermistor and a resistor. This
voltage is then compared to two predetermined
voltages representing the maximum and minimum
temperature settings of the battery. The purpose of the
resistor in parallel to the NTC thermistor is to linearize
the resistance of the thermistor. Table 1, shows the 1%
resistor that should be placed in parallel with the
corresponding thermistor.
If the temperature limits are exceeded, battery charging
will be suspended until the temperature level has fallen
within the safe operating range. The over-temperature
limit is programmable from 30
°C to 65°C, and the
under-temperature limit is programmable from
−20°C to
15
°C, each in 5°C increments using Register 04h. In
addition, the user can easily select the required bias
current, based on the value of the negative temperature
coefficient (NTC) thermistor located in the battery pack:
10k, 25k, 100k (Register 04h). Disabling the thermal
monitor is also possible by selecting the appropriate
bits in Register 04h.
As the temperature changes, the resistance of the
thermistor changes creating a voltage proportional to
temperature. The temperature coefficient or Beta (
Β) of
the thermistor must be as close to 4400 as possible to
achieve the maximum temperature accuracy.
NTC THERMISTOR
RESISTANCE
10K
24.9K
25K
61.9K
100K
249K
Table 1: NTC values and associated parallel
resistances.
STAT Output
The STAT is an open-drain output that indicates battery
charge status. STAT has two modes of operation, as
determined by Register 05h[7]: in Mode 0, STAT is
asserted low whenever the battery is charging and de
-
asserted at all other times; in Mode 1, STAT is de-
asserted when the charger is disabled, blinks during
charging, and remains continuously asserted when the
charge cycle has completed. A pull-up resistor should
be applied on this pin for interfacing to a microcontroller
or other logic IC.
Programmable Battery Charging
A unique feature of the SMB139 is the ability to modify
all of the important charger parameters via internally
programmable EEPROM, found in Registers 00-07.
Once the device has been configured correctly, the
EEPROM may be locked, preventing any further
changes. Additionally, these registers may also be
configured so that they may be updated in RAM
(volatile), even if the underlying EEPROM is locked.
This feature is useful if it is desired to actively manage
the charging profile without making changes to the non-
volatile defaults. Use Register 0E to control locking
and volatile access. Before writing to Registers 00-07
APPLICATIONS INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com