Electronic Components Datasheet Search
  English  ▼

X  

SMB139 Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

Part # SMB139
Description  Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB139 Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  SMB139 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
SMB139
Summit Microelectronics, Inc
2121 3.0 6/19/2008
4
Pin/Ball
Number
Pin Name
Pin Type
Pin Description
A1
BATT
Input
Battery Voltage Sense – Connect directly to positive terminal of battery
and bypass with a 2.2uF or greater capacitor.
B1
TRICKLE
Input
Trickle Charge – Connect directly to positive terminal of battery.
C1
SENSE
Input
Charge Current Sense – Connect directly to positive terminal of battery.
D1
NC
NC
No Connect (may be connected to GND for easier routing of Ball D2).
E1
STAT
Output
Status Indicator.
A2
THERM
Input
Battery Thermistor Sense.
B2
VDDCAP
Power
VDD Bypass – Connect to VDD bypass capacitor with 1uF or greater
capacitor.
C2
AGND
Ground
Analog Ground – Connect to isolated PCB ground.
D2
GND
Ground
Ground – Connect to isolated PCB ground.
E2
IN
Input
Voltage Input (+4.35V to +6.5V) – Bypass with a 2.2uF or greater
capacitor.
A3
EN
Input
Enable Input – Apply a logic-high voltage to enable and/or resume
charging. After assertion of the EN signal, the safety timers start
counting from the beginning. When unused, this pin should be tied to
GND (do not leave floating).
B3
CHGSET
Input
Two-level charge current adjustment. Connect to VDDCAP for full
charge current. Connect to GND for 40mA. When unused, this
pin should be tied to VDDCAP (do not leave floating).
C3
SDA
Input/Output
I
2C Bus Data.
D3
SCL
Input
I
2C Bus Clock.
E3
OUT
Output
Charge Current Output.
C1
C2
A2
B2
E1
A1
B1
D1
D2
E2
C3
B3
SMB139
lead-free
uCSPTM-15
1.3mm x 2.1mm
A3
E3
D3
PIN DESCRIPTIONS
PACKAGE AND PIN CONFIGURATION
Bottom View
(Balls facing up)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com