Electronic Components Datasheet Search
  English  ▼

X  

SMM152 Datasheet(PDF) 12 Page - Summit Microelectronics, Inc.

Part # SMM152
Description  Single-channel Voltage/Current Monitors and Voltage Marginers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM152 Datasheet(HTML) 12 Page - Summit Microelectronics, Inc.

Back Button SMM152 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 16Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
SMM151/152
Preliminary Datasheet
Summit Microelectronics, Inc
2131 2.1 8/15/2008
12
When measuring the margin delay time external to the
device, ADC sample time and Update Trim time (
≅ 3.6
ms) must be added to the internally programmed delay
time as shown:
Spec
Actual measurement
2.5 ms
6.1 ms
5 ms
8.6 ms
10 ms
13.6 ms
17.5 ms
21.1 ms
MONITOR
The SMM151/152 monitor the COMP1 and COMP2
pins. COMP1 and COMP2 are high impedance inputs,
each connected internally to a comparator and
compared against the programmable internal reference
voltage. Each comparator can be independently
programmed to monitor for either an UV or an OV
event. The monitor level is set externally with a resistive
voltage divider. The COMPx pins can be connected to
Vin, Vout or any voltage that needs to be monitored.
The internal comparators COMP1/2 are compared to
VREF, so the voltage dividers are set above or below
the programmed VREF level depending on whether
monitoring UV or OV. As an example, with VREF set to
1.25V, to monitor an OV of 1.7V on COMP1 and a UV
of 1.3V on COMP2, the voltage divider resistors are:
For OV, RUpper = 1.37k, 1% RLower = 3.83k, 1%.
For UV, RUpper = 1.02k, 1% RLower = 25.5k, 1%.
The parts can be programmed to trigger the FAULT#
pin when either COMPx comparator has exceeded the
UV or OV setting. The READY and FAULT# outputs of
the SMM151/152 are active as long as the triggering
limit remains in a fault condition. The READY pin is a
programmable active high/low open drain output
indicates that VM+ - VM- is at its’ set point.
When programmed as an active high output, READY
can also be used as an input. When pulled low, it will
latch the state of the comparator inputs. When either of
the COMP1 or COMP2 inputs are in fault, the open-
drain FAULT# output will be pulled low. A configuration
option exists to disable the FAULT# output while the
device is in margining mode.
GENERAL-PURPOSE INPUTS/OUTPUTS
The GPIOs are open drain type outputs. The
pins should be pulled up externally to voltages ranging
from 2.0V to 12V. Each I/O has non-volatile (NV)
memory setting associated with it that determines the
power-on state of the pin. Additionally, the I/Os have a
command bit that when written takes overrides the NV
setting and sets the pin either high or low. The I/Os also
have status bits to read the state of the pin as high or
low. The command/status register for each I/O is
addressed separately alleviating the need for the host
controller to remember the state of the other I/Os when
writing commands. More information can be found in
Application Note 69.
STATUS REGISTER
A status register exists for I
2C polling of the status of
the COMP1 and COMP2 inputs. Two bits in this status
register reflect the current state of the inputs (1 = fault,
0 = no fault). Two additional bits show the state of the
inputs latched by one of two events programmed in the
configuration. More information can also be found in
Application Note 69.
The first event option is the FAULT# output going
active. The second event option is the READY pin
going low. The READY pin is an I/O. As an output, the
READY output pin goes active when the DC controlled
voltages are at their set point. As an input programmed
to active high, it can be pulled low externally and latch
the state of the COMP inputs. This second event option
allows the state of the COMP inputs on multiple devices
to be latched at the same time while a host monitors
their FAULT# outputs.
MARGINING
The SMM151/152 have two additional control voltage
settings: margin high and margin low. The margin high
and margin low settings can be as much as
±15% of
the nominal setting depending on the converter
manufacturer. The margin high and margin low voltage
settings can range from 0.3V to VDD around the
converters’ nominal output voltage setting depending
on the specified margin range of the DC-DC converter.
These settings are stored in the configuration registers
and are loaded as control voltage settings by margin
commands issued via the I
2C bus.
The margin command registers contain two bits that
decode the commands to margin high or margin low.
Once the SMM151/152 receive the command to margin
the supply voltage, it begins adjusting the supply
voltage to move toward the desired setting. When this
voltage setting is reached, a bit is set in the margin
status registers and the READY signal becomes active.
Note: Configuration writes or reads of registers 00HEX to
03HEX should not be performed while the SMM151 or
SMM152 is margining.
APPLICATIONS INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com