Electronic Components Datasheet Search
  English  ▼

X  

SMM152 Datasheet(PDF) 14 Page - Summit Microelectronics, Inc.

Part # SMM152
Description  Single-channel Voltage/Current Monitors and Voltage Marginers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM152 Datasheet(HTML) 14 Page - Summit Microelectronics, Inc.

Back Button SMM152 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 18Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
SMM151/152
Preliminary Datasheet
Summit Microelectronics, Inc
2131 2.1 8/15/2008
14
Maximizing Accuracy
Maximum margining accuracy is obtained by placing a
resistor between the SMM151/152 TRIM output and the
TRIM input of the converter. From the manufacturer’s
data sheet obtain the value of the internal voltage
reference and equivalent TRIM input series resistance.
Figure 7 below displays the internal trimming circuit for
a typical isolated DC-DC converter. In this example, the
converter uses positive trimming, i.e., an increase in
voltage at the TRIM pin causes an increase in output
voltage.
DC-DC
Converter
TRIM
VREF
V-
V+
-S
+S
L
O
A
D
VREF
R
TRIM
SMM151/152
TRIM Pin
R1
R2
Figure 7 - Simplified TRIM circuit of an isolated DC-DC converter connects to SMM151/152 TRIM output
For this example RTRIM is found:
()
()
()
× -0.3
2×
(
-0.3)
=
×
-0.3
1-
-0.3
TRIM
VREF k
R
VREF
R
k VREF
VREF



Where:
Nom
Low
V
V
k
=
0.3 = SMM151/152 TRIM output saturation voltage
VLow = Margin Low target voltage
VNom = Nominal (non-trimmed output voltage)
VREF = Converter internal reference voltage
The next example applies to most non-isolated DC-DC
converters, LDO’s and in-system designed converters
using monolithic PWM controllers. Figure 8 is a
simplified schematic showing the resistor divider
network used to close the loop from the output to the
circuit’s feedback node. These type circuits employ
negative trimming, meaning any decrease in voltage
into the feedback node cause an increase in output
voltage.
(
)
()
1×
-0.3
=
×-1
TRIM
R
VREF
R
VNom k
Nom
High
V
V
k
=
0.3 = SMM151/152 TRIM output saturation voltage
VHIGH = Margin Low target voltage
VNom = Nominal (non-trimmed output voltage)
VREF = Converter internal reference voltage
APPLICATIONS INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com