Electronic Components Datasheet Search
  English  ▼

X  

SMM766B Datasheet(PDF) 2 Page - Summit Microelectronics, Inc.

Part # SMM766B
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM766B Datasheet(HTML) 2 Page - Summit Microelectronics, Inc.

  SMM766B Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM766B Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM766B Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM766B Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM766B Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM766B Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM766B Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM766B Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM766B Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
SMM766B
Summit Microelectronics, Inc
2122 3.0 5/5/2008
2
TABLE OF CONTENTS
General Description………………………...……………3
Internal Functional Block Diagram……..… ……………4
Pin Descriptions………………………………………..5-6
Package And Pin Configuration………………… ……..7
Absolute Maximum Ratings………………… ………….8
Recommended Operating Conditions……… …..……..8
DC Operating Characteristics………………….. …..8-11
AC Operating Characteristics………………...……….12
I
2C 2-Wire Serial Interface AC Operating
Characteristics-100/400khz……………………………13
Timing Diagrams……………………… ……………13-14
DEVICE OPERATION
Power Supply...……………………….……….…… ….15
Modes Of Operation………………………...………….15
Active DC Output Control……………………… ….15-16
Power-On Cascade Sequencing….……………….….16
Ongoing Operations-Monitoring Mode…………...…..17
Temperature Sensor Accuracy………………………..17
Automonitor………………………………………… …..18
Margining…………………………………………… …..18
Power-Off Cascade Sequencing………………….…..18
Force-Shutdown….………………………………… ….19
Linked Operation……………………………..…...… …19
Restart…..………………………………………….……19
I
2C Power-Off Control………………………...………..19
Recommended Use Of The Power On Pin……… ….20
Auto Monitor Function…………………………..….21-25
Under-voltage Lockout………………...….…… ……..26
Applications Schematic…………………………… …..27
Development Hardware & Software……………...…..28
I
2C Programming Information
Serial Interface.……………………………………..…..29
Write……………………………………...….…… ……..29
Read….…………………………………………… …….29
Write Protection….……………………….………… ….30
Configuration Registers…..………………………… …30
General-Purpose Memory….………………………….30
Command And Status Registers……………………...30
ADC Conversions….………………………….…….….30
Graphical User Interface (GUI)………………………..30
Write Protection Register Write……………...………..31
Configuration Register Read/Write………...……..31-32
General-Purpose Memory Read/Write……..…… …..33
Command And Status Register Read/Write…… …...34
ADC Conversion Read….……………………… ….….34
Default Configuration Register Settings……….……..35
Package…………………………………………..……..36
Part Marking……………………………………...……..37
Ordering Information…..……………………….… ……37
Terminology And Definitions…………………………..38
Legal Notice……………………………………………..39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com