Electronic Components Datasheet Search
  English  ▼

X  

SMM766B Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

Part # SMM766B
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM766B Datasheet(HTML) 3 Page - Summit Microelectronics, Inc.

  SMM766B Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM766B Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM766B Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM766B Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM766B Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM766B Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM766B Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM766B Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM766B Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
SMM766B
Summit Microelectronics, Inc
2122 3.0 5/5/2008
3
GENERAL DESCRIPTION
The SMM766B is a highly integrated and accurate
power supply controller, monitor, and sequencer. Each
device has the ability to automatically control, monitor
and cascade sequence up to 6 power supplies. In
addition, the SMM766B includes Sequence-Link
 a
feature that allows for the seamless integration of
other
Sequence-Link
devices
to
accommodate
sequencing of up to 48 channels. The SMM766B can
monitor the VDD input, the 12V input, two general-
purpose analog inputs, and the internal temperature
sensor. The SMM766B has four operating modes:
power-on sequencing mode, monitor mode, supply
margining mode using Active DC Output Control
(ADOC
TM), and power-off sequencing mode.
Power-on sequencing is initiated by the rising edge of
the PWR_ON pin. During power-on sequencing the
SMM766B will sequence the power supply channels
on, in any order, by activating the PUP outputs and
monitoring the respective converter voltages to ensure
cascading of the supplies. Cascade sequencing is the
ability to hold off the next sequenced supply until the
first supply reaches a programmed threshold. A
programmable sequence termination timer can be set
to disable all channels if the power-on sequence stalls.
Once all supplies have sequenced on and the voltages
are above the UV settings, the ADOC, if enabled, will
bring the supply voltages to their nominal settings.
During this mode, the HEALTHY output will remain
inactive and the RST# output will remain active.
Once the power-on sequencing mode is complete, the
SMM766B enters monitor mode. In the monitor mode,
the SMM766B starts the ADOC control of the supplies
and adjusts the output voltage to the programmed
setting under all load conditions, especially useful for
supplies without sense lines. Typical converters have
±2% accuracy ratings for their output voltage; the
ADOC feature of the SMM766B increases the
accuracy to
±0.2% (using a ±0.1% external voltage
reference). The part also enables the triggering of
outputs by monitored fault conditions. The 10-bit ADC
cycles through all 11 channels every 2ms and checks
the conversions against the programmed threshold
limits.
The results can be used to trigger RST#,
HEALTHY and FAULT# outputs as well as to initiate a
Fault-Triggered
power-off
or
force-shutdown
operation.
While the SMM766B is in its monitoring mode, an I
2C
command to margin the supply voltages can bring the
part into margining mode.
In margining mode the
SMM766B can margin 6 supply voltages in any
combination of nominal, high and low voltage settings
using the ADOC feature, all to within ±0.2% using a
±0.1% external reference. The margin high and low
voltage settings can range from 0.3V to VDD around
the converters’ nominal output voltage setting
depending on the specified margin range of the DC-
DC converter. During this mode the HEALTHY output
is always active and the RST# output is always
inactive regardless of the voltage threshold limit
settings and triggers. Furthermore, the triggers for
power-off
and
force-shutdown
are
temporarily
disabled.
The power-off sequencing mode can only be entered
while the SMM766B is in the monitoring mode. It can
be initiated by either bringing the PWR_ON pin low,
through I
2C control, or triggered by a channel
exceeding its programmed thresholds. Once power-
off is initiated, it will disable the ADOC function and
sequence the PUP outputs off in the reverse order as
power-on sequencing. To ensure cascading of the
supplies during power-off sequencing all supplies will
be monitored as they turn off.
The sequence
termination
timer
performs
a
forced-shutdown
operation if power-off sequencing stalls.
1
2.5V
2.7V
1.8V
2.0V
1.5V
VDD (+2.7V to +5.5V)
or 12VIN ( +8V to +15V)
2
3
45
SEQUENCE POSITION
1.2V
Figure 2 – Example power supply sequencing and system start-up initialization using the SMM766B. Cascade
sequencing ensures that all supplies in the previous sequence position are valid before the next channel is
released. Using the SMM766B any order of supply sequencing can be applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com