Electronic Components Datasheet Search
  English  ▼

X  

MA4FCP305 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4FCP305
Description  Flip Chip PIN Diode RoHS Compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4FCP305 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4FCP305 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4FCP305 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4FCP305 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Flip Chip PIN Diode
RoHS Compliant
Rev. V4
MA4FCP305
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Series Resistance : 1.7Ω
• Low Capacitance : 50fF
• Fast Switching Speed : 20nS
• Silicon Nitride Passivation
• Polyimide Scratch Protection
• Designed for Automated Pick and Place Insertion
• Rugged by Design
Description
M/A-COM’s MA4FCP Series consists of Silicon Flip
Chip PIN diodes fabricated with M/A-COM’s
patented HMIC process. This diode is fabricated on
epitaxial wafers using a process designed for
repeatable electrical characteristics and extremely
low parasitics. This diode is fully passivated with
Silicon Nitride and has an additional layer of
Polyimide for scratch protection. These protective
coatings prevent damage to the junction during
automated or manual handling. This flip chip
configuration is suitable for pick and place insertion.
Applications
The small 0315 outline and low 0.085 pS RC
product, make the device useful for multi-throw
switch and switched phase shifter circuits requiring
<20nS switching speeds up to 18GHz operating
frequency.
Absolute Maximum Ratings
@ TA = +25°C (unless otherwise specified)
1. Exceeding these limits may cause permanent damage.
1. Backside metal: 0.1 μM thick.
2. Yellow hatched areas indicate backside ohmic gold
contacts.
Parameter
Absolute Maximum
Forward Current
100 mA
Reverse Voltage
- 40 V
Operating Temperature
- 55°C to + 150°C
Storage Temperature
- 55°C to + 150°C
Dissipated Power
230 mW
Mounting Temperature
+300°C for 10 seconds
1269 Outline
Dim.
Inches
Millimeters
Min.
Max.
Min.
Max.
A
0.0269
0.0289 0.683 0.733
B
0.0135
0.0155 0.343 0.393
C
0.0040
0.0080 0.102 0.203
D
0.0041
0.0061 0.105 0.155
E
0.0124
0.0144 0.315 0.365
F
0.0069
0.0089 0.175 0.225


Similar Part No. - MA4FCP305

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4FCP305 MACOM-MA4FCP305 Datasheet
264Kb / 3P
Silicon Flip Chip PIN Diode
MA4FCP305-W MACOM-MA4FCP305-W Datasheet
264Kb / 3P
Silicon Flip Chip PIN Diode
More results

Similar Description - MA4FCP305

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4AGSW2 MA-COM-MA4AGSW2 Datasheet
109Kb / 7P
SPDT AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW4 MA-COM-MA4AGSW4 Datasheet
118Kb / 7P
SP4T AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW5 MA-COM-MA4AGSW5 Datasheet
130Kb / 7P
SP5T AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW8-1 MA-COM-MA4AGSW8-1 Datasheet
126Kb / 6P
SP8T AlGaAs PIN Diode Switch RoHS Compliant
MA4FCP200 MA-COM-MA4FCP200 Datasheet
137Kb / 6P
Flip Chip PIN Diode
MA4SPS302 MA-COM-MA4SPS302 Datasheet
107Kb / 4P
SURMOUNTTM PIN Diode RoHS Compliant
MA4SPS402 MA-COM-MA4SPS402 Datasheet
161Kb / 7P
SURMOUNTTM PIN Diode RoHS Compliant
MA4SPS302_V4 MA-COM-MA4SPS302_V4 Datasheet
125Kb / 4P
SURMOUNTTM PIN Diode RoHS Compliant
MA4SPS402_V6 MA-COM-MA4SPS402_V6 Datasheet
210Kb / 7P
SURMOUNTTM PIN Diode RoHS Compliant
MA4AGSW8-1 MA-COM-MA4AGSW8-1_15 Datasheet
572Kb / 7P
SP8T AlGaAs PIN Diode Switch RoHS Compliant
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com