Electronic Components Datasheet Search
  English  ▼

X  

MA4FCP305 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA4FCP305
Description  Flip Chip PIN Diode RoHS Compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4FCP305 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4FCP305 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4FCP305 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4FCP305 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Flip Chip PIN Diode
RoHS Compliant
Rev. V4
MA4FCP305
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Handling Procedures
All semiconductor chips should be handled with care to avoid damage or contamination from perspiration and skin
oils. The use of plastic tipped tweezers or vacuum pickups is strongly recommended for individual components.
Bulk handling should insure that abrasion and mechanical shock are minimized.
Bonding Techniques
These devices were designed for insertion onto hard or soft substrates with the junction side down. They can be
mounted with electrically conductive epoxy or with a low temperature solder preform. However,
Sn rich solders
are not recommended due to the tungsten metallization scheme beneath the gold contacts. Indalloy or
80/20, Au/Sn, solders are acceptable. Maximum soldering temperature must be < 300°C for < 10 sec. These
chips are designed to be inserted onto hard or soft substrates with the junction side down. They should be
mounted onto silkscreened circuits using electrically conductive Ag epoxy, approximately 1-2 mils in
thickness and cured at approximately 90°C to 150°C per manufacturer’s schedule. For extended cure times,
> 30 minutes, temperatures must be below 200 °C. The die can also be assembled with the junction side up,
and wire or ribbon bonds made to the pads.
Circuit Mounting Dimensions ( Inches )
Ordering Information
The MA4FCP305 flip chip diode may be ordered in either waffle packs, tape and reel or 6” rings mounted on
tape per the table below. Tape and reel dimensions are provided in Application Note M513 located on the
M/A-COM website @ www.macom.com.
Part Number
Packaging
MA4FCP305
Die in Waffle Pack
MADP-007161-01269T
Tape & Reel
MADP-000305-12690R
Wafer on Tape Frame
0.012” (2) PL
0.008”
(2) PL
0.013”



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com