Electronic Components Datasheet Search
  English  ▼

X  

MA44700 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA44700
Description  Surface Mount Low Power Step Recovery Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA44700 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA44700 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA44700 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA44700 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Surface Mount Low Power Step Recovery Diodes
Rev. V5
MA44700 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Surface Mount Packages (SOT-23,SC-79)
• Low transition times
• SPC Process for Superior C-V Repeatability
• Tape and Reel Packaging
• Designed for Commercial Wireless Applications
• Also Offering RoHS Compliant Equivalent Parts
Description
The MA44700 series of Step Recovery diodes is
designed for use in low power multipliers with output
frequencies of up to 5 GHz. These Step Recovery
diodes generate harmonics by storing a charge as
the diode is driven to forward conductance by the
positive voltage of the input signal. When the signal
reverses polarity, this charge is extracted. The Step
Recovery diode will appear as a low impedance cur-
rentsource until all the charge is extracted, then it
will “snap” to a higher impedance. This causes a
voltage
pulse
to
form
in
the
impulse
circuit of the multiplier. Step Recovery diodes make
excellent high order multipliers such as comb gen-
erators. They are also useful as efficient moderate
power X2-X4 multipliers.
Applications
The MA44700 series step recovery are useful for
surface mount low power applications.
Absolute Maximum Ratings
1,2
@ TA=+25 °C (Unless Otherwise Noted)
1. Operation of this device above any one of these parameters
may cause permanent damage.
2. Please refer to application note M538 for surface mounting
instructions
Parameter
Absolute Maximum
Operating Temperature
-65 °C to +125 °C
Storage Temperature
-65 °C to +125 °C
Reverse Voltage
30V
Forward Bias Current
50 mA
Power Dissipation
250 mW
Part Number
(non-RoHS)
1
RoHS Compliant
Part Numbers
1
CT
2
Reverse
Voltage
Nominal
Carrier
Transition
Time
Nominal
Input
Nominal
Output
(pF)
(V)
(nS)
(pS)
(GHz)
f=1 MHz,
VR=6.0 V
Ir =10 uA
Min.
Max.
Min.
Typical
Max
MA44767-287T
MAVR-044767-0287AT
MAVR-044767-12790T
3.0
4.5
30
250-500
600
0.05-5
0.5-1.5
MA44768-287T
MAVR-044768-0287AT
MAVR-044768-12790T
1.6
2.4
30
75-225
250
0.1-1
0.5-2.5
MA44769-287T
MA144769-287T
MAVR-044769-12790T
0.8
1.2
30
20-50
150
0.1-1
1-5
(GHz)
1.
The prefix defines package style, configuration and packaging information. Contact representative for complete part identification.
2.
Capacitance @ 1 MHz
Typical Capacitance vs. Bias (V) freq=1MHz
0
1
2
3
4
5
6
7
8
0
5
10
15
20
25
30
Bias(V)
MA44768
MA44769
MA44767


Similar Part No. - MA44700

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA44700 MACOM-MA44700 Datasheet
75Kb / 3P
Surface Mount Low Power Step Recovery Diodes
logo
M/A-COM Technology Solu...
MA44700 MA-COM-MA44700 Datasheet
79Kb / 3P
Surface Mount Low Power Step Recovery Diodes
MA44700_V6 MA-COM-MA44700_V6 Datasheet
79Kb / 3P
Surface Mount Low Power Step Recovery Diodes
More results

Similar Description - MA44700

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPX-G32S SANKEN-SPX-G32S Datasheet
19Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes (Power Surface Mount)
logo
Tyco Electronics
MA43000 MACOM-MA43000 Datasheet
77Kb / 4P
Step Recovery Diodes
logo
Cystech Electonics Corp...
CFR10XSA CYSTEKEC-CFR10XSA Datasheet
140Kb / 3P
1.0Amp. Surface Mount Fast Recovery Diodes
logo
Advanced Semiconductor
ASRD800 ASI-ASRD800 Datasheet
67Kb / 3P
SURFACE MOUNT STEP RECOVERY DIODE
logo
Tyco Electronics
MA44700 MACOM-MA44700 Datasheet
75Kb / 3P
Surface Mount Low Power Step Recovery Diodes
logo
Microsemi Corporation
GC2510 MICROSEMI-GC2510 Datasheet
173Kb / 3P
POWER GENERATION Step Recovery Diodes
logo
M/A-COM Technology Solu...
MA44700_V6 MA-COM-MA44700_V6 Datasheet
79Kb / 3P
Surface Mount Low Power Step Recovery Diodes
logo
Advanced Semiconductor
ASRD800 ASI-ASRD800_04 Datasheet
66Kb / 3P
SURFACE MOUNT STEP RECOVERY DIODE
logo
M/A-COM Technology Solu...
MAVR-0447 MA-COM-MAVR-0447 Datasheet
243Kb / 3P
Surface Mount Low Power Step Recovery Diodes
MAVR-0447 MA-COM-MAVR-0447_15 Datasheet
243Kb / 3P
Surface Mount Low Power Step Recovery Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com